Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAB13 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # SMAB13
Description  SCHOTTKY BARRIER TYPE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

SMAB13 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  SMAB13 Datasheet HTML 1Page - KEC(Korea Electronics) SMAB13 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2007. 5. 16
2/2
SMAB13
Revision No : 5
I
- V
F
F
F
FORWARD VOLTAGE V
(V)
NUMBER OF CYCLES AT 60Hz
1
0
10
20
60
50
40
30
10
330
550
SURGE FORWARD CURRENT
(NON - REPETITIVE)
100
T =25 C
f=60Hz
P
- I
F(AV)
F(AV)
F(AV)
AVERAGE FORWARD CURRENT I
(A)
0
0
0.06
0.12
0.18
0.24
0.30
0.36
0.42
0.2
0.4
0.6
0.8
1.0
1.2
RECTANGULAR
WAVEFORM
180
360
Ta - I F(AV)
F(AV)
AVERAGE FORWARD CURRENT I
(A)
0
0
20
40
60
80
100
120
140
0.2
0.4
0.6
0.8
1.0
1.2
RECTANGULAR
WAVEFORM
180
360
0
0.1
0.3
0.5
0.7
0.2
0.4
0.6
0.8
10
0.1
0.3
0.5
1
3
5
T =125 C
25 C
j
j
REVERSE VOLTAGE VR (V)
0
0.001
0.01
0.1
100
10
1
15
5
202530
10
35
IR - VR
40
100 C
75 C
50 C
25 C
T
j =150 C
(TYP)
125 C
Pulse measurement



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com