Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAB13 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # SMAB13
Description  SCHOTTKY BARRIER TYPE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

SMAB13 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  SMAB13 Datasheet HTML 1Page - KEC(Korea Electronics) SMAB13 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2007. 5. 16
1/2
SEMICONDUCTOR
TECHNICAL DATA
SMAB13
SCHOTTKY BARRIER TYPE DIODE
Revision No : 5
SWITCHING TYPE POWER SUPPLY APPLICATIONS.
FEATURES
Low Profile Surface Mount Package.
Low Power Loss, High Efficiency.
For Use in Low Voltage, High Frequency inverters, Free
Wheeling, and Polarity Protection Applications.
APPLICATION
Switching Power Supply.
DC/DC Converter.
Home Appliances, Office Equipment.
Telecommunication.
MAXIMUM RATING (Ta=25
)
SMA
DIM
MILLIMETERS
A
B
C
D
E
F
G
4.5 0.2
2.6 0.2
1.5 0.2
5.0 0.3
1.2 0.3
2.0 0.2
0 ~ 0.15
H
R 0.5
B
C
H
1
2
G
+
_
+
_
+
_
+
_
+
_
I
1.0 0.1
+
_
+
_
1. ANODE
2. CATHODE
ELECTRICAL CHARACTERISTICS (Ta=25
)
Type Name
Marking
B 1 3
Lot No.
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Peak Forward Voltage
VFM
IFM=1.0A
-
-
0.42
V
Repetitive Peak Reverse Current
IRRM
VRRM=Rated
-
-
1.0
mA
Thermal Resistance
Rth(j-1)
Junction to lead
-
-
23
/W
Rth(j-a)
Junction to ambient
(on alumina substrate)
-
-
108
CHARACTERISTIC
SYMBOL
RATING
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
30
V
Average Output Rectitifed Current
IO
1
A
Peak One Cycle Surge Forward Current
(Non-Repetitive 60Hz)
IFSM
40
A
Junction Temperature
Tj
-40
150
Storage Temperature Range
Tstg
-40
150


Similar Part No. - SMAB13

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
SMAB13 KEC-SMAB13 Datasheet
382Kb / 2P
SCHOTTKY BARRIER TYPE DIODE (SWITCHING TYPE POWER SUPPLY)
SMAB13U KEC-SMAB13U Datasheet
47Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
SMAB13U KEC-SMAB13U_15 Datasheet
347Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
SMAB13 KEC-SMAB13_15 Datasheet
350Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
More results

Similar Description - SMAB13

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
USFB13A KEC-USFB13A Datasheet
437Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBR2060CT KEC-MBR2060CT Datasheet
35Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
KDR331V KEC-KDR331V Datasheet
68Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
KDR735T KEC-KDR735T Datasheet
34Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBR10100CT KEC-MBR10100CT Datasheet
441Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRD10U100CT KEC-MBRD10U100CT Datasheet
43Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRF10U100CTA KEC-MBRF10U100CTA Datasheet
375Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRF10U200CTA KEC-MBRF10U200CTA Datasheet
44Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRF560CT KEC-MBRF560CT_08 Datasheet
45Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
logo
Kersemi Electronic Co.,...
MBRF20200CT KERSEMI-MBRF20200CT Datasheet
766Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com