Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9552D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA9552D
Description  16-bit I2C-bus LED driver with programmable blink rates
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9552D Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA9552D Datasheet HTML 1Page - NXP Semiconductors PCA9552D Datasheet HTML 2Page - NXP Semiconductors PCA9552D Datasheet HTML 3Page - NXP Semiconductors PCA9552D Datasheet HTML 4Page - NXP Semiconductors PCA9552D Datasheet HTML 5Page - NXP Semiconductors PCA9552D Datasheet HTML 6Page - NXP Semiconductors PCA9552D Datasheet HTML 7Page - NXP Semiconductors PCA9552D Datasheet HTML 8Page - NXP Semiconductors PCA9552D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1.
General description
The PCA9552 LED blinker blinks LEDs in I2C-bus and SMBus applications where it is
necessary to limit bus traffic or free up the I2C-bus master's (MCU, MPU, DSP, chip set,
etc.) timer. The uniqueness of this device is the internal oscillator with two programmable
blink rates. To blink LEDs using normal I/O expanders like the PCF8574 or PCA9554, the
bus master must send repeated commands to turn the LED on and off. This greatly
increases the amount of traffic on the I2C-bus and uses up one of the master's timers. The
PCA9552 LED blinker instead requires only the initial setup command to program
BLINK RATE 1 and BLINK RATE 2 (that is, the frequency and duty cycle) for each
individual output. From then on, only one command from the bus master is required to
turn each individual open-drain output on, off, or to cycle at BLINK RATE 1 or
BLINK RATE 2. Maximum output sink current is 25 mA per bit and 200 mA per package.
Any bits not used for controlling the LEDs can be used for General Purpose Parallel
Input/Output (GPIO) expansion.
The active LOW hardware reset pin (RESET) and Power-On Reset (POR) initializes the
registers to their default state, all zeroes, causing the bits to be set HIGH (LED off).
Three hardware address pins on the PCA9552 allow eight devices to operate on the same
bus.
2.
Features
s 16 LED drivers (on, off, flashing at a programmable rate)
s 2 selectable, fully programmable blink rates (frequency and duty cycle) between
0.172 Hz and 44 Hz (5.82 seconds and 0.023 seconds)
s Input/outputs not used as LED drivers can be used as regular GPIOs
s Internal oscillator requires no external components
s I2C-bus interface logic compatible with SMBus
s Internal power-on reset
s Noise filter on SCL/SDA inputs
s Active LOW reset input
s 16 open-drain outputs directly drive LEDs to 25 mA
s Edge rate control on outputs
s No glitch on power-up
s Supports hot insertion
s Low standby current
s Operating power supply voltage range of 2.3 V to 5.5 V
s 0 Hz to 400 kHz clock frequency
PCA9552
16-bit I2C-bus LED driver with programmable blink rates
Rev. 05 — 9 March 2006
Product data sheet


Similar Part No. - PCA9552D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9552D PHILIPS-PCA9552D Datasheet
166Kb / 21P
16-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9552D NXP-PCA9552D Datasheet
442Kb / 28P
16-bit I2C-bus LED driver with programmable blink rates
Rev. 5.1 - 25 May 2023
PCA9552D118 NXP-PCA9552D118 Datasheet
442Kb / 28P
16-bit I2C-bus LED driver with programmable blink rates
Rev. 5.1 - 25 May 2023
More results

Similar Description - PCA9552D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9550D PHILIPS-PCA9550D Datasheet
130Kb / 17P
2-bit I2C LED driver with programmable blink rates
2003 May 02
PCA9551 PHILIPS-PCA9551 Datasheet
161Kb / 21P
8-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9553 PHILIPS-PCA9553 Datasheet
130Kb / 18P
4-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9552 PHILIPS-PCA9552 Datasheet
166Kb / 21P
16-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9550 NXP-PCA9550 Datasheet
149Kb / 26P
2-bit I2C-bus LED driver with programmable blink rates
Rev. 05-13 October 2008
logo
ON Semiconductor
CAT9552WI ONSEMI-CAT9552WI Datasheet
192Kb / 17P
16-Channel I2C-bus LED Driver with Programmable Blink Rate
Doc. No. MD-9005 Rev B
logo
NXP Semiconductors
PCA9551 NXP-PCA9551 Datasheet
164Kb / 26P
8-bit I2C-bus LED driver with programmable blink rates
Rev. 08-31 July 2008
PCA9553 NXP-PCA9553 Datasheet
155Kb / 26P
4-bit I2C-bus LED driver with programmable blink rates
Rev. 06-29 December 2008
PCA9551D-T NXP-PCA9551D-T Datasheet
164Kb / 26P
8-bit I2C-bus LED driver with programmable blink rates
Rev. 08-31 July 2008
PCA9552 NXP-PCA9552_V01 Datasheet
442Kb / 28P
16-bit I2C-bus LED driver with programmable blink rates
Rev. 5.1 - 25 May 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com