Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9552D Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCA9552D
Description  16-bit I2C-bus LED driver with programmable blink rates
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9552D Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCA9552D Datasheet HTML 13Page - NXP Semiconductors PCA9552D Datasheet HTML 14Page - NXP Semiconductors PCA9552D Datasheet HTML 15Page - NXP Semiconductors PCA9552D Datasheet HTML 16Page - NXP Semiconductors PCA9552D Datasheet HTML 17Page - NXP Semiconductors PCA9552D Datasheet HTML 18Page - NXP Semiconductors PCA9552D Datasheet HTML 19Page - NXP Semiconductors PCA9552D Datasheet HTML 20Page - NXP Semiconductors PCA9552D Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
PCA9552_5
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 05 — 9 March 2006
17 of 28
Philips Semiconductors
PCA9552
16-bit I2C-bus LED driver with programmable blink rates
11. Dynamic characteristics
[1]
tVD;ACK = time for Acknowledgement signal from SCL LOW to SDA (out) LOW.
[2]
tVD;DAT = minimum time for SDA data out to be valid following SCL LOW.
[3]
Cb = total capacitance of one bus line in pF.
[4]
Resetting the device while actively communicating on the bus may cause glitches or errant STOP conditions.
[5]
Upon reset, the full delay will be the sum of trst and the RC time constant of the SDA bus.
Table 14:
Dynamic characteristics
Symbol
Parameter
Conditions
Standard mode
I2C-bus
Fast mode I2C-bus
Unit
Min
Max
Min
Max
fSCL
SCL clock frequency
0
100
0
400
kHz
tBUF
bus free time between a STOP and
START condition
4.7
-
1.3
-
µs
tHD;STA
hold time (repeated) START condition
4.0
-
0.6
-
µs
tSU;STA
set-up time for a repeated START
condition
4.7
-
0.6
-
µs
tSU;STO
set-up time for STOP condition
4.0
-
0.6
-
µs
tHD;DAT
data hold time
0
-
0
-
ns
tVD;ACK
data valid acknowledge time
[1]
-
600
-
600
ns
tVD;DAT
data valid time
LOW-level
[2]
-
600
-
600
ns
HIGH-level
[2]
-
1500
-
600
ns
tSU;DAT
data set-up time
250
-
100
-
ns
tLOW
LOW period of the SCL clock
4.7
-
1.3
-
µs
tHIGH
HIGH period of the SCL clock
4.0
-
0.6
-
µs
tf
fall time of both SDA and SCL signals
-
300
20 + 0.1Cb [3]
300
ns
tr
rise time of both SDA and SCL signals
-
1000
20 + 0.1Cb [3]
300
ns
tSP
pulse width of spikes that must be
suppressed by the input filter
-
50
-
50
ns
Port timing
tv(Q)
data output valid time
-
250
-
250
ns
tsu(D)
data input setup time
100
-
100
-
ns
th(D)
data input hold time
1
-
1
-
µs
Reset
tw(rst)
reset pulse width
10
-
10
-
ns
trec(rst)
reset recovery time
0
-
0
-
ns
trst
reset time
[4] [5]
400
-
400
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com