Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8576 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCF8576
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8576 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCF8576_01 Datasheet HTML 24Page - NXP Semiconductors PCF8576_01 Datasheet HTML 25Page - NXP Semiconductors PCF8576_01 Datasheet HTML 26Page - NXP Semiconductors PCF8576_01 Datasheet HTML 27Page - NXP Semiconductors PCF8576_01 Datasheet HTML 28Page - NXP Semiconductors PCF8576_01 Datasheet HTML 29Page - NXP Semiconductors PCF8576_01 Datasheet HTML 30Page - NXP Semiconductors PCF8576_01 Datasheet HTML 31Page - NXP Semiconductors PCF8576_01 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
2001 Oct 02
28
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8576
10 DC CHARACTERISTICS
VDD = 2 to 9 V; VSS =0V; VLCD =VDD − 2VtoVDD − 9 V; Tamb = −40 to +85 °C; unless otherwise specified.
Notes
1. VLCD ≤ VDD − 3 V for 1⁄3bias.
2. LCD outputs are open-circuit; inputs at VSS or VDD; external clock with 50% duty factor; I2C-bus inactive.
3. Resets all logic when VDD <VPOR.
4. Periodically sampled, not 100% tested.
5. Outputs measured one at a time.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDD
supply voltage
2
−
9V
VLCD
LCD supply voltage
note 1
VDD − 9
−
VDD − 2V
IDD
supply current
note 2
normal mode
fclk = 200 kHz
−−
180
µA
power-saving mode
fclk = 35 kHz; VDD = 3.5 V;
VLCD = 0 V; A0, A1 and A2
connected to VSS
−−
60
µA
Logic
VIL
LOW-level input voltage
VSS
−
0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
−
VDD
V
VOL
LOW-level output voltage
IOL =0mA
−−
0.05
V
VOH
HIGH-level output voltage
IOH =0mA
VDD − 0.05 −−
V
IOL1
LOW-level output current
CLK, SYNC
VOL =1V; VDD =5V
1
−−
mA
IOH1
HIGH-level output current CLK
VOH =4V; VDD =5V
1
−−
mA
IOL2
LOW-level output current
SDA and SCL
VOL = 0.4 V; VDD =5V
3
−−
mA
IL1
leakage current SA0, A0 to A2,
CLK, SDA and SCL
VI =VDD or VSS
−−
1
µA
IL2
leakage current OSC
VI =VDD
−−
1
µA
Ipd
A0, A1, A2 and OSC pull-down
current
VI =1V; VDD = 5 V
20
50
150
µA
RSYNC
pull-up resistor (SYNC)
20
50
150
k
Ω
VPOR
Power-on reset voltage level
note 3
−
1.0
1.6
V
CI
input capacitance
note 4
−−
7pF
LCD outputs
VBP
DC voltage component BP0 to BP3
CBP =35nF
−
20
−
mV
VS
DC voltage component S0 to S39
CS =5nF
−
20
−
mV
RBP
output resistance BP0 to BP3
note 5; VLCD =VDD − 5V
−−
5k
Ω
RS
output resistance S0 to S39
note 5; VLCD =VDD − 5V
−−
7.5
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com