Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34118-S28-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # MC34118-S28-R
Description  VOICE SWITCHED SPEAKER-PHONE CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34118-S28-R Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button MC34118-S28-R Datasheet HTML 4Page - Unisonic Technologies MC34118-S28-R Datasheet HTML 5Page - Unisonic Technologies MC34118-S28-R Datasheet HTML 6Page - Unisonic Technologies MC34118-S28-R Datasheet HTML 7Page - Unisonic Technologies MC34118-S28-R Datasheet HTML 8Page - Unisonic Technologies MC34118-S28-R Datasheet HTML 9Page - Unisonic Technologies MC34118-S28-R Datasheet HTML 10Page - Unisonic Technologies MC34118-S28-R Datasheet HTML 11Page - Unisonic Technologies MC34118-S28-R Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MC34118
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
9 of 12
www.unisonic.com.tw
QW-R108-007,D
FUNCTIONAL DESCRIPTION(Cont.)
AGC
The AGC circuit only affects the circuit under such situation: when the circuit is in the receive mode, and when
VCC is less than 3.5v. As while as VCC falls below 3.5 volts, the transmit path attenuation changes so that the sum of
the transmit and receive gains remains constant.
ATTENUATOR CONTROL BLOCK
This block has the seven:
* C1: The output of the comparator operated by RLO2 and TLO2 (here means in microphone/ speaker side).
* C2: The output of the comparator operated by RLO1 and TLO1 (here means Tip/ Ring side).
* C3: The output of the transmit background noise monitor.
* C4: The output of the receive background noise monitor.
* Volume control
* Dial tone detector
* AGC circuit
The C1~C4 effect is as follows:
INPUTS
C1
C2
C3
C4
OUTPUT
TX
TX
1
X
Transmit Mode
TX
RX
Y
Y
Fast Idle Mode
RX
TX
Y
Y
Fast Idle Mode
RX
RX
X
1
Receive Mode
TX
TX
0
X
Slow Idle Mode
TX
RX
0
0
Slow Idle Mode
RX
TX
0
0
Slow Idle Mode
RX
RX
X
0
Slow Idle Mode
Switching to the full transmit or receive from any other mode is at the fast rate (~30 ms).
X :Don’t care
Y :C3,C4 are not both 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com