Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34118-S28-R Datasheet(PDF) 11 Page - Unisonic Technologies

Part # MC34118-S28-R
Description  VOICE SWITCHED SPEAKER-PHONE CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34118-S28-R Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button MC34118-S28-R Datasheet HTML 4Page - Unisonic Technologies MC34118-S28-R Datasheet HTML 5Page - Unisonic Technologies MC34118-S28-R Datasheet HTML 6Page - Unisonic Technologies MC34118-S28-R Datasheet HTML 7Page - Unisonic Technologies MC34118-S28-R Datasheet HTML 8Page - Unisonic Technologies MC34118-S28-R Datasheet HTML 9Page - Unisonic Technologies MC34118-S28-R Datasheet HTML 10Page - Unisonic Technologies MC34118-S28-R Datasheet HTML 11Page - Unisonic Technologies MC34118-S28-R Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MC34118
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
11 of 12
www.unisonic.com.tw
QW-R108-007,D
FUNCTIONAL DESCRIPTION(Cont.)
*
Switch to idle quickly,
The current sources are turned off,
The internal 2kΩ resistor is switched in
Discharging the capacitor to VB with a time = 2kΩ x CT.
*
Switching to idle slowly
The current sources are turned off
The switch at the 2kΩ resistor is open
Discharging the capacitor to VB through the external resistor RT with a time=RT x CT.
MICROPHONE AMPLIFIER
While the inverting input and the output are pinned out, pins 10/11,the microphone amplifier, has the
non-inverting input internally connected to VB. This amplifier’s open loop gain is typically 80dB when f<100Hz, and
the gain bandwidth is typically 1MHz. Its maximum output swing (p-p) is typically 1 volt. MCI’s input bias current is
typically 40nA out of the pin.
HYBRID AMPLIFIER
At HTO+, HTO-, and HTI, the two hybrid amplifiers provide the two-to-four wire converter for interfacing to the
telephone line. The first amplifier’s gain is set by external resistor, and the first amplifier’s output drives the second
amplifier (gain of -1).
FILTER
The external components determined the operation of the filter circuit.
POWER SUPPLY, VB, and CHIP DISABLE
For normal operation the power supply voltage is to be between 3.5v and 6.5v, but with reduced operation the
VCC is possible 2.8 volts. VB’s output voltage is ~ (Vcc-0.7)/2, and also provides the AC ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com