Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6226Q Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6226Q
Description  DMOS dual full bridge driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6226Q Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6226Q Datasheet HTML 4Page - STMicroelectronics L6226Q Datasheet HTML 5Page - STMicroelectronics L6226Q Datasheet HTML 6Page - STMicroelectronics L6226Q Datasheet HTML 7Page - STMicroelectronics L6226Q Datasheet HTML 8Page - STMicroelectronics L6226Q Datasheet HTML 9Page - STMicroelectronics L6226Q Datasheet HTML 10Page - STMicroelectronics L6226Q Datasheet HTML 11Page - STMicroelectronics L6226Q Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Electrical characteristics
L6226Q
8/29
Doc ID 14335 Rev 5
Figure 3.
Switching characteristic definition
tdt
Dead time protection
0.5
1
µs
fCP
Charge pump frequency
-25 °C < TJ < 125 °C
0.6
1
MHz
Over current detection
Is over
Input supply over current detection
threshold
-25 °C<TJ<125 °C;RCL=39 kΩ
-25 °C<TJ<125 °C;RCL= 5 kΩ
-25 °C<TJ<125 °C;RCL= GND
-10%
-10%
-30%
0.29
2.21
2.8
+10%
+10%
+30%
A
A
A
ROPDR
Open drain ON resistance
I = 4 mA
40
60
Ω
tOCD(ON)
OCD turn-on delay time(3)
I = 4 mA; CEN < 100 pF
200
ns
tOCD(OFF)
OCD turn-off delay time (3)
I = 4 mA; CEN < 100 pF
100
ns
1.
Tested at 25 °C in a restricted range and guaranteed by characterization.
2.
See Figure 3
3.
See Figure 4
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com