Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6727TR Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6727TR
Description  Single phase PWM controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6727TR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6727TR Datasheet HTML 10Page - STMicroelectronics L6727TR Datasheet HTML 11Page - STMicroelectronics L6727TR Datasheet HTML 12Page - STMicroelectronics L6727TR Datasheet HTML 13Page - STMicroelectronics L6727TR Datasheet HTML 14Page - STMicroelectronics L6727TR Datasheet HTML 15Page - STMicroelectronics L6727TR Datasheet HTML 16Page - STMicroelectronics L6727TR Datasheet HTML 17Page - STMicroelectronics L6727TR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Output voltage monitor and protections
L6727
14/34
Doc ID 12933 Rev 4
8
Output voltage monitor and protections
L6727 monitors the voltage at FB pin and compares it to internal reference voltage in order
to provide Under Voltage and Over Voltage protections.
8.1
Undervoltage protection
If the voltage at FB pin drops below UV threshold (0.6 V typ), the device turns off both HS
and LS MOSFETs, waits for 2048 clock cycles and then performs a new soft start. If under
voltage condition is not removed, the device enters a hiccup mode with a typical period of
13.6 ms.
UVP is active from the end of soft start.
8.2
Overvoltage protection
If the voltage at FB pin rises over OV threshold (1 V typ), over voltage protection turns off HS
MOSFET and turns on LS MOSFET overriding PWM logic as long as over voltage is
detected.
OVP is always active with top priority as soon as over current threshold setting phase has
been completed.
8.3
Feedback disconnection protection
In order to provide load protection even if FB pin is not connected, a 100 nA bias current is
always sourced from this pin. If FB pin is not connected, this current will permanently pull up
FB over OVP threshold: thus LS will be latched on preventing output voltage from rising out
of control.
8.4
Undervoltage lock out
In order to avoid anomalous behaviors of the device when the supply voltage is too low to
support its internal rails, UVLO is provided: the device will start up when VCC reaches
UVLO upper threshold and will shutdown when VCC drops below UVLO lower threshold.
The 4.1 V maximum UVLO upper threshold allows L6727 to be supplied from 5 V and 12 V
busses in or-ing diode configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com