Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6727TR Datasheet(PDF) 33 Page - STMicroelectronics

Part # L6727TR
Description  Single phase PWM controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6727TR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L6727TR Datasheet HTML 26Page - STMicroelectronics L6727TR Datasheet HTML 27Page - STMicroelectronics L6727TR Datasheet HTML 28Page - STMicroelectronics L6727TR Datasheet HTML 29Page - STMicroelectronics L6727TR Datasheet HTML 30Page - STMicroelectronics L6727TR Datasheet HTML 31Page - STMicroelectronics L6727TR Datasheet HTML 32Page - STMicroelectronics L6727TR Datasheet HTML 33Page - STMicroelectronics L6727TR Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
L6727
Revision history
Doc ID 12933 Rev 4
33/34
14
Revision history
Table 9.
Revision history
Date
Revision
Changes
04-Dec-2006
1
Initial release.
28-Feb-2007
2
Updated VOCTH values in Table 5 on page 7
06-Jun-2007
3
Updated Figure 1: Typical application circuit on page 4,
Table 3 and Table 4 on page 6
23-Mar-2010
4
Added Section 10: Application information on page 20, Section 11:
20 A demonstration board on page 22, Section 12: 5 A
demonstration board on page 27
Updated: Table 5 on page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com