Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6637IPZ Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6637IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6637IPZ Datasheet(HTML) 13 Page - Texas Instruments

Back Button MSP430F6637IPZ Datasheet HTML 9Page - Texas Instruments MSP430F6637IPZ Datasheet HTML 10Page - Texas Instruments MSP430F6637IPZ Datasheet HTML 11Page - Texas Instruments MSP430F6637IPZ Datasheet HTML 12Page - Texas Instruments MSP430F6637IPZ Datasheet HTML 13Page - Texas Instruments MSP430F6637IPZ Datasheet HTML 14Page - Texas Instruments MSP430F6637IPZ Datasheet HTML 15Page - Texas Instruments MSP430F6637IPZ Datasheet HTML 16Page - Texas Instruments MSP430F6637IPZ Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 105 page
background image
MSP430F663x
www.ti.com
SLAS566A – JUNE 2010 – REVISED JULY 2010
Terminal Functions (continued)
TERMINAL
NO.
I/O(1)
DESCRIPTION
NAME
PZ
ZQW
General-purpose digital I/O
P5.7/RTCCLK
88
D7
I/O
RTCCLK output
DVCC3
89
A6
Digital power supply
DVSS3
90
A5
Digital ground supply
Test mode pin – select digital I/O on JTAG pins
TEST/SBWTCK
91
B6
I
Spy-bi-wire input clock
General-purpose digital I/O
PJ.0/TDO
92
B5
I/O
Test data output port
General-purpose digital I/O
PJ.1/TDI/TCLK
93
A4
I/O
Test data input or test clock input
General-purpose digital I/O
PJ.2/TMS
94
E7
I/O
Test mode select
General-purpose digital I/O
PJ.3/TCK
95
D6
I/O
Test clock
Reset input active low
RST/NMI/SBWTDIO
96
A3
I/O
Non-maskable interrupt input
Spy-bi-wire data input/output
General-purpose digital I/O
P6.0/CB0/A0
97
B4
I/O
Comparator_B input CB0
Analog input A0 – ADC (not available on '6632, '6631, '6630 devices)
General-purpose digital I/O
P6.1/CB1/A1
98
B3
I/O
Comparator_B input CB1
Analog input A1 – ADC (not available on '6632, '6631, '6630 devices)
General-purpose digital I/O
P6.2/CB2/A2
99
A2
I/O
Comparator_B input CB2
Analog input A2 – ADC (not available on '6632, '6631, '6630 devices)
General-purpose digital I/O
P6.3/CB3/A3
100
D5
I/O
Comparator_B input CB3
Analog input A3 – ADC (not available on '6632, '6631, '6630 devices)
E5
E6
E8
F4
F5
Reserved BGA package balls. It is recommended to connect to ground
Reserved
N/A
F8
(DVSS/AVSS).
G5
G8
H5
H8
H9
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com