Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6637IPZ Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6637IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6637IPZ Datasheet(HTML) 21 Page - Texas Instruments

Back Button MSP430F6637IPZ Datasheet HTML 17Page - Texas Instruments MSP430F6637IPZ Datasheet HTML 18Page - Texas Instruments MSP430F6637IPZ Datasheet HTML 19Page - Texas Instruments MSP430F6637IPZ Datasheet HTML 20Page - Texas Instruments MSP430F6637IPZ Datasheet HTML 21Page - Texas Instruments MSP430F6637IPZ Datasheet HTML 22Page - Texas Instruments MSP430F6637IPZ Datasheet HTML 23Page - Texas Instruments MSP430F6637IPZ Datasheet HTML 24Page - Texas Instruments MSP430F6637IPZ Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 105 page
background image
MSP430F663x
www.ti.com
SLAS566A – JUNE 2010 – REVISED JULY 2010
System Module (SYS)
The SYS module handles many of the system functions within the device. These include power on reset and
power up clear handling, NMI source selection and management, reset interrupt vector generators, boot strap
loader entry mechanisms, as well as, configuration management (device descriptors). It also includes a data
exchange mechanism via JTAG called a JTAG mailbox that can be used in the application.
Table 9. System Module Interrupt Vector Registers
INTERRUPT VECTOR
INTERRUPT EVENT
WORD ADDRESS
OFFSET
PRIORITY
REGISTER
No interrupt pending
00h
Brownout (BOR)
02h
Highest
RST/NMI (BOR)
04h
DoBOR (BOR)
06h
LPM5 wakeup (BOR)
08h
Security violation (BOR)
0Ah
SVSL (POR)
0Ch
SVSH (POR)
0Eh
SVML_OVP (POR)
10h
SYSRSTIV , System Reset
019Eh
SVMH_OVP (POR)
12h
DoPOR (POR)
14h
WDT timeout (PUC)
16h
WDT key violation (PUC)
18h
KEYV flash key violation (PUC)
1Ah
FLL unlock (PUC)
1Ch
Peripheral area fetch (PUC)
1Eh
PMM key violation (PUC)
20h
Reserved
22h to 3Eh
Lowest
No interrupt pending
00h
SVMLIFG
02h
Highest
SVMHIFG
04h
DLYLIFG
06h
DLYHIFG
08h
SYSSNIV , System NMI
VMAIFG
019Ch
0Ah
JMBINIFG
0Ch
JMBOUTIFG
0Eh
VLRLIFG
10h
VLRHIFG
12h
Reserved
14h to 1Eh
Lowest
No interrupt pending
00h
NMIFG
02h
Highest
OFIFG
04h
SYSUNIV, User NMI
019Ah
ACCVIFG
06h
BUSIFG
08h
Reserved
0Ah to 1Eh
Lowest
No interrupt pending
00h
SYSBERRIV, Bus Error
USB wait state timeout
0198h
02h
Highest
Reserved
04h to 1Eh
Lowest
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com