Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F1132IPW Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F1132IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F1132IPW Datasheet(HTML) 13 Page - Texas Instruments

Back Button MSP430F1132IPW Datasheet HTML 9Page - Texas Instruments MSP430F1132IPW Datasheet HTML 10Page - Texas Instruments MSP430F1132IPW Datasheet HTML 11Page - Texas Instruments MSP430F1132IPW Datasheet HTML 12Page - Texas Instruments MSP430F1132IPW Datasheet HTML 13Page - Texas Instruments MSP430F1132IPW Datasheet HTML 14Page - Texas Instruments MSP430F1132IPW Datasheet HTML 15Page - Texas Instruments MSP430F1132IPW Datasheet HTML 16Page - Texas Instruments MSP430F1132IPW Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
MSP430x11x2, MSP430x12x2
MIXED SIGNAL MICROCONTROLLER
SLAS361D − JANUARY 2002 − REVISED AUGUST 2004
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
peripherals
Peripherals are connected to the CPU through data, address, and control busses and can be handled using
all instructions. For complete module descriptions, see the MSP430x1xx Family User’s Guide, literature number
SLAU049.
oscillator and system clock
The clock system in the MSP430x11x2 and MSP430x12x2 devices is supported by the basic clock module that
includes support for a 32768-Hz watch crystal oscillator, an internal digitally-controlled oscillator (DCO) and a
high frequency crystal oscillator. The basic clock module is designed to meet the requirements of both low
system cost and low-power consumption. The internal DCO provides a fast turn-on clock source and stabilizes
in less than 6
µs. The basic clock module provides the following clock signals:
D Auxiliary clock (ACLK), sourced from a 32768-Hz watch crystal or a high frequency crystal.
D Main clock (MCLK), the system clock used by the CPU.
D Sub-Main clock (SMCLK), the sub-system clock used by the peripheral modules.
digital I/O
There are 3 8-bit I/O ports implemented—ports P1, P2, and P3 (only six port P2 I/O signals are available on
external pins; port P3 is implemented only on ’x12x2 devices):
D All individual I/O bits are independently programmable.
D Any combination of input, output, and interrupt conditions is possible.
D Edge-selectable interrupt input capability for all the eight bits of ports P1 and six bits of port P2.
D Read/write access to port-control registers is supported by all instructions.
NOTE:
Six bits of port P2, P2.0 to P2.5, are available on external pins, but all control and data bits for port
P2 are implemented. Port P3 has no interrupt capability. Port P3 is implemented in MSP430x12x2
only.
brownout
The brownout circuit is implemented to provide the proper internal reset signal to the device during power on
and power off.
watchdog timer
The primary function of the watchdog timer (WDT) module is to perform a controlled system restart after a
software problem occurs. If the selected time interval expires, a system reset is generated. If the watchdog
function is not needed in an application, the module can be configured as an interval timer and can generate
interrupts at selected time intervals.
USART0 (MSP430x12x2 Only)
The MSP430x12x2 devices have one hardware universal synchronous/asynchronous receive transmit
(USART0) peripheral module that is used for serial data communication. The USART supports synchronous
SPI (3 or 4 pin) and asynchronous UART communication protocols, using double-buffered transmit and receive
channels.
ADC10
The ADC10 module supports fast, 10-bit analog-to-digital conversions. The module implements a 10-bit SAR
core, sample select control, reference generator and data transfer controller, or DTC, for automatic conversion
result handling allowing ADC samples to be converted and stored without any CPU intervention.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com