Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F2812 Datasheet(PDF) 105 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2812
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2812 Datasheet(HTML) 105 Page - Texas Instruments

Back Button TMS320F2812 Datasheet HTML 101Page - Texas Instruments TMS320F2812 Datasheet HTML 102Page - Texas Instruments TMS320F2812 Datasheet HTML 103Page - Texas Instruments TMS320F2812 Datasheet HTML 104Page - Texas Instruments TMS320F2812 Datasheet HTML 105Page - Texas Instruments TMS320F2812 Datasheet HTML 106Page - Texas Instruments TMS320F2812 Datasheet HTML 107Page - Texas Instruments TMS320F2812 Datasheet HTML 108Page - Texas Instruments TMS320F2812 Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 170 page
background image
t
w(RSL)
t
h(XPLLDIS)
t
OSCST
V
, V
V
, V
(3.3 V)
DDIO
DD3VFL
DDAn
DDAIO
XCLKIN
X1
XRS
XF/XPLLDIS
XMP/MC
V
, V
[1.8 V (or 1.9 V)]
DD
DD1
I/O Pins
XPLLDIS Sampling
Address/
Data/
Control
XCLKOUT
Input Configuration (State Depends on Internal PU/PD)
Address/Data/Control Valid Execution
Begins From External Boot Address 0x3FFFC0
XCLKIN/8
(A)
User-Code Dependent
2.5 V
0.3 V
(Don’t Care)
t
d(EX)
t
h(XMP/MC)
(Don’t Care)
(B)
User-Code Dependent
(Don’t Care)
GPIOF14/XF (User-Code Dependent)
t
su(XPLLDIS)
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
A.
Upon power up, SYSCLKOUT is XCLKIN/2 if the PLL is enabled. Since both the XTIMCLK and CLKMODE bits in the
XINTCNF2 register come up with a reset state of 1, SYSCLKOUT is further divided by 4 before it appears at
XCLKOUT. This explains why XCLKOUT = XCLKIN/8 during this phase.
B.
The state of the GPIO pins is undefined (i.e., they could be input or output) until the 1.8-V (or 1.9-V) supply reaches
at least 1 V and 3.3-V supply reaches 2.5 V.
Figure 6-12. Power-on Reset in Microprocessor Mode (XMP/MC = 1)
Copyright © 2001–2011, Texas Instruments Incorporated
Electrical Specifications
105
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com