Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F2812 Datasheet(PDF) 138 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2812
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2812 Datasheet(HTML) 138 Page - Texas Instruments

Back Button TMS320F2812 Datasheet HTML 134Page - Texas Instruments TMS320F2812 Datasheet HTML 135Page - Texas Instruments TMS320F2812 Datasheet HTML 136Page - Texas Instruments TMS320F2812 Datasheet HTML 137Page - Texas Instruments TMS320F2812 Datasheet HTML 138Page - Texas Instruments TMS320F2812 Datasheet HTML 139Page - Texas Instruments TMS320F2812 Datasheet HTML 140Page - Texas Instruments TMS320F2812 Datasheet HTML 141Page - Texas Instruments TMS320F2812 Datasheet HTML 142Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 170 page
background image
Lead 1
Active
Trail
XCLKOUT = XTIMCLK
XCLKOUT = 1/2 XTIMCLK
XA[0:18]
XD[0:15]
t
d(XCOHL-XWEH)
t
d(XCOHL-XZCSH)
t
d(XCOH-XA)
WS (Async)
XZCS0AND1 XZCS2
XZCS6AND7
,
,
XRD
XWE
XR/W
t
d(XCOH-XZCSL)
t
d(XCOH-XRNWL)
t
d(XCOHL-XRNWH)
t
en(XD)XWEL
t
h(XD)XWEH
t
h(XRDYasynchL)
DOUT
t
dis(XD)XRNW
t
h(XRDYasynchH)XZCSH
See Note (E)
See Note (D)
t
su(XRDYasynchL)XCOHL
t
su(XRDYasynchH)XCOHL
t
d(XWEL-XD)
t
d(XCOHL-XWEL)
See
Notes (A)
and (B)
See Note (C)
= Don’t care. Signal can be high or low during this time.
Legend:
t
e(XRDYasynchH)
XREADY(Asynch)
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
SPRS174S – APRIL 2001 – REVISED MARCH 2011
www.ti.com
A.
All XINTF accesses (lead period) begin on the rising edge of XCLKOUT. When necessary, the device will insert an
alignment cycle before an access to meet this requirement.
B.
During alignment cycles, all signals will transition to their inactive state.
C.
During inactive cycles, the XINTF address bus will always hold the last address put out on the bus. This includes
alignment cycles.
D.
For each sample, setup time from the beginning of the access can be calculated as:
D = (XWRLEAD + XWRACTIVE – 3 + n) tc(XTIM) – tsu(XRDYasynchL)XCOHL
where n is the sample number (n = 1, 2, 3 and so forth).
E.
Reference for the first sample is with respect to this point
E = (XWRLEAD + XWRACTIVE – 2) tc(XTIM)
Figure 6-36. Write With Asynchronous XREADY Access
XTIMING register parameters used for this example:
XRDLEAD
XRDACTIVE
XRDTRAIL
USEREADY
X2TIMING
XWRLEAD
XWRACTIVE
XWRTRAIL
READYMODE
1 = XREADY
N/A(1)
N/A(1)
N/A(1)
1
0
≥ 1
3
≥ 1
(Async)
(1)
N/A = “Don’t care” for this example
138
Electrical Specifications
Copyright © 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com