Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F2812 Datasheet(PDF) 140 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2812
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2812 Datasheet(HTML) 140 Page - Texas Instruments

Back Button TMS320F2812 Datasheet HTML 136Page - Texas Instruments TMS320F2812 Datasheet HTML 137Page - Texas Instruments TMS320F2812 Datasheet HTML 138Page - Texas Instruments TMS320F2812 Datasheet HTML 139Page - Texas Instruments TMS320F2812 Datasheet HTML 140Page - Texas Instruments TMS320F2812 Datasheet HTML 141Page - Texas Instruments TMS320F2812 Datasheet HTML 142Page - Texas Instruments TMS320F2812 Datasheet HTML 143Page - Texas Instruments TMS320F2812 Datasheet HTML 144Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 170 page
background image
XCLKOUT
(/1 Mode)
XHOLD
XR/
,
,
,
W
XZCS0AND1
XZCS2
XZCS6AND7
XD[15:0]
Valid
XHOLDA
t
d(HL-Hiz)
t
d(HH-HAH)
High-Impedance
XA[18:0]
Valid
Valid
High-Impedance
t
d(HH-BV)
t
d(HL-HAL)
See Note (A)
See Note (B)
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
SPRS174S – APRIL 2001 – REVISED MARCH 2011
www.ti.com
6.29 XHOLD/XHOLDA Timing
Table 6-42. XHOLD/XHOLDA Timing Requirements (XCLKOUT = XTIMCLK)(1)(2)
MIN
MAX
UNIT
td(HL-HiZ)
Delay time, XHOLD low to Hi-Z on all Address, Data, and Control
4tc(XTIM)
ns
td(HL-HAL)
Delay time, XHOLD low to XHOLDA low
5tc(XTIM)
ns
td(HH-HAH)
Delay time, XHOLD high to XHOLDA high
3tc(XTIM)
ns
td(HH-BV)
Delay time, XHOLD high to Bus valid
4tc(XTIM)
ns
(1)
When a low signal is detected on XHOLD, all pending XINTF accesses will be completed before the bus is placed in a high-impedance
state.
(2)
The state of XHOLD is latched on the rising edge of XTIMCLK.
A.
All pending XINTF accesses are completed.
B.
Normal XINTF operation resumes.
Figure 6-37. External Interface Hold Waveform
140
Electrical Specifications
Copyright © 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com