Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F2812 Datasheet(PDF) 144 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2812
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2812 Datasheet(HTML) 144 Page - Texas Instruments

Back Button TMS320F2812 Datasheet HTML 140Page - Texas Instruments TMS320F2812 Datasheet HTML 141Page - Texas Instruments TMS320F2812 Datasheet HTML 142Page - Texas Instruments TMS320F2812 Datasheet HTML 143Page - Texas Instruments TMS320F2812 Datasheet HTML 144Page - Texas Instruments TMS320F2812 Datasheet HTML 145Page - Texas Instruments TMS320F2812 Datasheet HTML 146Page - Texas Instruments TMS320F2812 Datasheet HTML 147Page - Texas Instruments TMS320F2812 Datasheet HTML 148Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 170 page
background image
ac
R
s
ADCIN0
C
10 pF
p
C
1.25 pF
h
Switch
Typical Values of the Input Circuit Components:
Switch Resistance (R ): 1 k
on
W
1 kW
Sampling Capacitor (C ): 1.25 pF
h
Parasitic Capacitance (C ): 10 pF
p
Source Resistance (R ): 50
s
W
28x DSP
Source
Signal
R
on
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
SPRS174S – APRIL 2001 – REVISED MARCH 2011
www.ti.com
Table 6-45. AC Specifications
PARAMETER
MIN
TYP
MAX
UNIT
SINAD
Signal-to-noise ratio + distortion
62
dB
SNR
Signal-to-noise ratio
62
dB
THD (100 kHz)
Total harmonic distortion
–68
dB
ENOB (SNR)
Effective number of bits
10.1
Bits
SFDR
Spurious free dynamic range
69
dB
6.30.3 Current Consumption for Different ADC Configurations
Table 6-46. Current Consumption for Different ADC Configurations (at 25-MHz ADCCLK)(1)
IDDA (TYP)
(2)
IDDAIO (TYP)
IDD1 (TYP)
ADC OPERATING MODE/CONDITIONS
Mode A (Operational Mode):
40 mA
1 µA
0.5 mA
•
BG and REF enabled
•
PWD disabled
Mode B:
•
ADC clock enabled
7 mA
0
5 µA
•
BG and REF enabled
•
PWD enabled
Mode C:
•
ADC clock enabled
1 µA
0
5 µA
•
BG and REF disabled
•
PWD enabled
Mode D:
•
ADC clock disabled
1 µA
0
0
•
BG and REF disabled
•
PWD enabled
(1)
Test Conditions:
•
SYSCLKOUT = 150 MHz
•
ADC module clock = 25 MHz
•
ADC performing a continuous conversion of all 16 channels in Mode A
(2)
IDDA – includes current into VDDA1/VDDA2 and AVDDREFBG
Figure 6-39. ADC Analog Input Impedance Model
144
Electrical Specifications
Copyright © 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com