Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSG4520H Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4520H
Description  N & P-Ch Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4520H Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSG4520H Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4520H Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4520H Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4520H Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSG4520H Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSG4520H Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Elektronische Bauelemente
SSG4520H
N-Ch: 6.6 A, 20 V, RDS(ON) 47 m
P-Ch: -5.2 A, -20 V, RDS(ON) 79 m
N & P-Ch Enhancement Mode Power MOSFET
27-Dec-2010 Rev. B
Page 1 of 6
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
H
B
M
D
C
J
K
F
L
E
N
G
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
These miniature surface mount MOSFETs
utilize a high cell density trench process to provide low
RDS(on) and to ensure minimal power loss and heat
dissipation. Typical applications are DC-DC
converters and power management in portable and
battery-powered products such as computers,.
printers, PCMCIA cards, cellular and cordless
telephones
FEATURES
Low RDS(on) provides higher efficiency and
extends battery life.
Low thermal impedance copper leadframe
SOP-8 saves board space
Fast switching speed
High performance trench technology
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOP-8
2.5K
13’ inch
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
N-CH
P-CH
Unit
Drain-Source Voltage
VDS
20
-20
V
Gate-Source Voltage
VGS
±8
±8
V
ID @ TA = 25°C
6.6
-5.2
A
Continuous Drain Current
1
ID @ TA = 70°C
5.5
-4.2
A
Pulsed Drain Current
2
IDM
20
-20
A
Continuous Source Current (Diode Conduction)
1
IS
1.3
-1.3
A
PD @ TA = 25°C
3.1
3.1
W
Total Power Dissipation
1
PD @ TA = 70°C
1.3
1.3
W
Operating Junction & Storage Temperature Range
TJ, TSTG
-55 ~ 150
°C
Thermal Resistance Ratings
t≦ 10 sec
40
°C / W
Maximum Junction-to-Ambient 1
Steady State
RθJA
110
°C / W
Notes:
1.
Surface Mounted on 1” x 1” FR4 Board.
2.
Pulse width limited by maximum junction temperature.
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.8
6.20
H
0.35
0.51
B
4.80
5.00
J
0.375 REF.
C
3.80
4.00
K
45°
D0°
8°
L
1.35
1.75
E
0.50
0.93
M
0.10
0.25
F
0.19
0.25
N
0.25 REF.
G
1.27 TYP.
SOP-8
G
S
S
S
D
D
D
D


Similar Part No. - SSG4520H

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4520H SECOS-SSG4520H Datasheet
440Kb / 6P
N-Ch: 6.6A, 20V, RDS(ON) 47 m P-Ch: -5.2A, -20V, RDS(ON) 79 mN & P-Ch Enhancement Mode Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
SSG4520H DOINGTER-SSG4520H Datasheet
2Mb / 9P
N-Channel and P-Channel MOSFET use advanced trench technology
logo
SeCoS Halbleitertechnol...
SSG4520H SECOS-SSG4520H_12 Datasheet
440Kb / 6P
N-Ch: 6.6A, 20V, RDS(ON) 47 m P-Ch: -5.2A, -20V, RDS(ON) 79 mN & P-Ch Enhancement Mode Power MOSFET
SSG4520H SECOS-SSG4520H_15 Datasheet
440Kb / 6P
N & P-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSG4520H

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSI2007 SECOS-SSI2007 Datasheet
1Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG4510 SECOS-SSG4510 Datasheet
1Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG2601 SECOS-SSG2601_15 Datasheet
733Kb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG4502CE SECOS-SSG4502CE_15 Datasheet
3Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG4510 SECOS-SSG4510_15 Datasheet
1Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG5509A SECOS-SSG5509A_15 Datasheet
1Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSI3439J SECOS-SSI3439J Datasheet
606Kb / 4P
N & P-Ch Enhancement Mode Power MOSFET
SPRD4504-C SECOS-SPRD4504-C Datasheet
429Kb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG4503A-C SECOS-SSG4503A-C Datasheet
631Kb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSPRD6560-C SECOS-SSPRD6560-C Datasheet
593Kb / 7P
N & P-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com