Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1183 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1183
Description  PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1183 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC1183 Datasheet HTML 4Page - Semtech Corporation SC1183 Datasheet HTML 5Page - Semtech Corporation SC1183 Datasheet HTML 6Page - Semtech Corporation SC1183 Datasheet HTML 7Page - Semtech Corporation SC1183 Datasheet HTML 8Page - Semtech Corporation SC1183 Datasheet HTML 9Page - Semtech Corporation SC1183 Datasheet HTML 10Page - Semtech Corporation SC1183 Datasheet HTML 11Page - Semtech Corporation SC1183 Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PROGRAMMABLE SYNCHRONOUS DC/DC
CONVERTER, DUAL LOW DROPOUT
REGULATOR CONTROLLER
© 1998 SEMTECH CORP.
August 25, 1998
652 MITCHELL ROAD NEWBURY PARK CA 91320
SC1182/3
8
LAYOUT GUIDELINES
Careful attention to layout requirements are necessary
for successful implementation of the SC1182/3 PWM
controller. High currents switching at 200kHz are pre-
sent in the application and their effect on ground plane
voltage differentials must be understood and mini-
mized.
1). The high power parts of the circuit should be laid
out first. A ground plane should be used, the number
and position of ground plane interruptions should be
such as to not unnecessarily compromise ground plane
integrity. Isolated or semi-isolated areas of the ground
plane may be deliberately introduced to constrain
ground currents to particular areas, for example the
input capacitor and bottom FET ground.
2). The loop formed by the Input Capacitor(s) (Cin), the
Top FET (Q1) and the Bottom FET (Q2) must be kept
as small as possible. This loop contains all the high
current, fast transition switching. Connections should
be as wide and as short as possible to minimize loop
inductance. Minimizing this loop area will a) reduce
EMI, b) lower ground injection currents, resulting in
electrically “cleaner” grounds for the rest of the system
and c) minimize source ringing, resulting in more reli-
able gate switching signals.
3). The connection between the junction of Q1, Q2 and
the output inductor should be a wide trace or copper
region. It should be as short as practical. Since this
connection has fast voltage transitions, keeping this
connection short will minimize EMI. The connection
between the output inductor and the sense resistor
should be a wide trace or copper area, there are no
fast voltage or current transitions in this connection
and length is not so important, however adding unnec-
essary impedance will reduce efficiency.
Vout
12V IN
5V
Vo Lin1
Vo Lin2
5V
4uH
5mOhm
+
Cout
+
Cin
10
Q2
0.1uF
Q3
+
Cout Lin1
2.32k
Q4
+
Cout Lin2
1.00k
RB1
RA1
RA2
RB2
+
Cin Lin
SC1182/3
AGND
1
VCC
5
OVP
6
PWRGOOD
7
CS-
8
CS+
9
PGNDH
10
DH
11
BSTH
15
EN
16
VO SENSE
17
VID4
18
VID3
19
VID2
20
VID1
21
VID0
22
DL
13
PGNDL
12
BSTL
14
GATE2
24
GATE1
2
LDVO
23
LDOS1
3
LDOS2
4
Q1
0.1uF
Heavy lines indicate
high current paths.
are not required. LDOS1 connects to
For SC1182, RA1, RA2, RB1 and RB2
Vo Lin1, LDOS2 connects to Vo Lin2
Layout diagram for the SC1182/3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com