Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1183 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1183
Description  PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1183 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1183 Datasheet HTML 1Page - Semtech Corporation SC1183 Datasheet HTML 2Page - Semtech Corporation SC1183 Datasheet HTML 3Page - Semtech Corporation SC1183 Datasheet HTML 4Page - Semtech Corporation SC1183 Datasheet HTML 5Page - Semtech Corporation SC1183 Datasheet HTML 6Page - Semtech Corporation SC1183 Datasheet HTML 7Page - Semtech Corporation SC1183 Datasheet HTML 8Page - Semtech Corporation SC1183 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PROGRAMMABLE SYNCHRONOUS DC/DC
CONVERTER, DUAL LOW DROPOUT
REGULATOR CONTROLLER
© 1998 SEMTECH CORP.
August 25, 1998
652 MITCHELL ROAD NEWBURY PARK CA 91320
SC1182/3
1
ORDERING INFORMATION
DESCRIPTION
The SC1182/3 combines a synchronous voltage mode
controller with two low-dropout linear regulators
providing most of the circuitry necessary to implement
three DC/DC converters for powering advanced
microprocessors such as Pentium
® II (Klamath) or
Deschutes.
The SC1182/3 switching section features an integrat-
ed 5 bit D/A converter, pulse by pulse current limiting,
integrated power good signaling, and logic compatible
shutdown. The SC1182/3 switching section operates
at a fixed frequency of 200kHz, providing an optimum
compromise between size, efficiency and cost in the
intended application areas. The integrated D/A con-
verter provides programmability of output voltage
from 2.0V to 3.5V in 100mV increments and 1.30V to
2.05V in 50mV increments with no external compo-
nents.
The SC1182/3 linear sections are low dropout regula-
tors. The SC1182 supplies 1.5V for GTL bus and 2.5V
for non-GTL I/O.
For the SC1183 both LDO’s are adjustable.
Pentium is a registered trademark of Intel Corporation
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
BLOCK DIAGRAM
2.5V/ADJ.
1.5V/ADJ.
1.265V
FET
CONTROLLER
REF.
FET
CONTROLLER
REF.
LDOV
PIN CONFIGURATION
AGND
GATE1
LDOS1
LDOS2
VCC
OVP
PWRGOOD
CS-
CS+
PGNDH
DH
PGNDL
1
2
3
LDOV
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VOSENSE
EN
BSTH
BSTL
DL
VID0
VID1
VID2
VID3
VID4
GATE2
Top View
(24 Pin SOIC)
FEATURES
• Synchronous design, enables no heatsink solution
• 95% efficiency (switching section)
• 5 bit DAC for output programmability
• On chip power good function
• Designed for Intel Pentium® ll VRM8.1 require-
ments
• 1.5V, 2.5V or Adj. @ 1% for linear section
APPLICATIONS
• Pentium® ll or Deschutes microprocessor supplies
• Flexible motherboards
• 1.3V to 3.5V microprocessor supplies
• Programmable triple power supplies
Part Number
(1)
Package
Linear
Voltage
Temp.
Range (T
J)
SC1182CSW
SO-24
1.5V/2.5V 0° to 125°C
SC1183CSW
SO-24
Adj.
0° to 125°C
Note:
(1) Add suffix ‘TR’ for tape and reel.


Similar Part No. - SC1183

ManufacturerPart #DatasheetDescription
logo
Picker Components
SC118-4C PICKER-SC118-4C Datasheet
94Kb / 1P
14 Pin Miniature Socket for Din Rail or Panel Mount
logo
Semtech Corporation
SC1185 SEMTECH-SC1185 Datasheet
122Kb / 12P
PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1185 SEMTECH-SC1185 Datasheet
257Kb / 14P
Programmable Synchronous DC/DC Converter, Dual LDO Controller
Revision: July 28, 2005
SC1185A SEMTECH-SC1185A Datasheet
122Kb / 12P
PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1185A SEMTECH-SC1185A Datasheet
252Kb / 14P
Programmable Synchronous DC/DC
More results

Similar Description - SC1183

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1162 SEMTECH-SC1162 Datasheet
125Kb / 12P
PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER WITH LOW DROPOUT REGULATOR CONTROLLER
SC1164 SEMTECH-SC1164 Datasheet
130Kb / 12P
PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1166 SEMTECH-SC1166 Datasheet
333Kb / 12P
PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER?
SC1172 SEMTECH-SC1172 Datasheet
119Kb / 12P
PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER WITH LOW DROPOUT REGULATOR CONTROLLER
SC1185 SEMTECH-SC1185 Datasheet
122Kb / 12P
PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1186 SEMTECH-SC1186 Datasheet
109Kb / 12P
PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1186 SEMTECH-SC1186_04 Datasheet
234Kb / 15P
Programmable Synchronous DC/DC Converter, Dual LDO Controller
SC1189 SEMTECH-SC1189_05 Datasheet
275Kb / 16P
Programmable Synchronous DC/DC Converter, Dual LDO Controller
SC2688 SEMTECH-SC2688 Datasheet
235Kb / 12P
Programmable Synchronous DC/DC Converter, Dual LDO Controller
SC1189 SEMTECH-SC1189_07 Datasheet
276Kb / 16P
Programmable Synchronous DC/DC Converter, Dual LDO Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com