Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1405 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1405
Description  HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1405 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1405 Datasheet HTML 1Page - Semtech Corporation SC1405 Datasheet HTML 2Page - Semtech Corporation SC1405 Datasheet HTML 3Page - Semtech Corporation SC1405 Datasheet HTML 4Page - Semtech Corporation SC1405 Datasheet HTML 5Page - Semtech Corporation SC1405 Datasheet HTML 6Page - Semtech Corporation SC1405 Datasheet HTML 7Page - Semtech Corporation SC1405 Datasheet HTML 8Page - Semtech Corporation SC1405 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SC1405
HIGH SPEED SYNCHRONOUS POWER
MOSFET SMART DRIVER
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
August 31, 2000
1
BLOCK DIAGRAM
PIN CONFIGURATION
Top View
(14-Pin TSSOP)
DESCRIPTION
The SC1405 is a Dual-MOSFET Driver with an internal
Overlap Protection Circuit to prevent shoot-through
from V
IN to GND in the main switching and syn-
chronous MOSFET’s. Each driver is capable of driving
a 3000pF load in 20ns rise/fall time and has ULTRA-
FAST propagation delay from input transition to the
gate of the power FET’s. The Overlap Protection circuit
ensures that the second FET does not turn on until the
top FET source has reached a voltage low enough to
prevent shoot-through. The delay between the bottom
gate going low to the top gate transitioning to high is
externally programmable via a capacitor for optimal
reduction of switching losses at the operating fre-
quency. The bottom FET may be disabled at light loads
by keeping S_MOD low to trigger asynchronous opera-
tion, thus saving the bottom FET’s gate drive current
and inductor ripple current. An internal voltage refer-
ence allows threshold adjustment for an Output Over-
Voltage protection circuitry, independent of the PWM
feedback loop. Under-Voltage-Lock-Out circuit is in-
cluded to guarantee that both driver outputs are low
when the 5V logic level is less than or equal to 4.4V
(typ) at supply ramp up (4.35V at supply ramp down). A
CMOS output provides status indication of the 5V sup-
ply. A low enable input places the IC in stand-by mode
thereby reducing supply current to less than 10µA.
SC1405 is offered in a high pitch (.025” lead spacing)
TSSOP package.
FEATURES
•= Fast rise and fall times (20ns typical with 3000pf
load)
•= 20ns max. Propagation delay (BG going low)
•= Adaptive/programmable shoot-through protection
•= Wide input voltage range (4.5-25V)
•= Programmable delay between MOSFET’s
•= Power saving asynchronous mode control
•= Output overvoltage protection/overtemp shutdown
•= Under-Voltage lock-out and power ready signal
•= Less than 10µA stand-by current (EN=low)
•= Power ready output signal
APPLICATIONS
•= High Density/Fast transient power supplies
•= Motor Drives/Class-D amps
•= High frequency (to 1.2 MHz) operation allows use
of small inductors and low cost caps in place of
electrolytics
•= Portable computers
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
DEVICE
(1)
PACKAGE
TEMP. RANGE (T
J)
SC1405TS.TR
TSSOP-14
0 - 125°C
ORDERING INFORMATION
Note:
(1) Only available in tape and reel packaging. A reel
contains 2500 devices.


Similar Part No. - SC1405

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1405B SEMTECH-SC1405B Datasheet
136Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
SC1405B SEMTECH-SC1405B Datasheet
261Kb / 13P
High Speed Synchronous Power MOSFET Smart Driver
SC1405BTS.TR SEMTECH-SC1405BTS.TR Datasheet
261Kb / 13P
High Speed Synchronous Power MOSFET Smart Driver
SC1405D SEMTECH-SC1405D Datasheet
248Kb / 14P
High Speed Synchronous Power MOSFET Smart Driver
SC1405DITSTRT SEMTECH-SC1405DITSTRT Datasheet
248Kb / 14P
High Speed Synchronous Power MOSFET Smart Driver
More results

Similar Description - SC1405

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2722 NSC-LM2722 Datasheet
162Kb / 8P
High Speed Synchronous/Asynchronous MOSFET Driver
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
SC1405B SEMTECH-SC1405B Datasheet
136Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
SC1405B SEMTECH-SC1405B Datasheet
261Kb / 13P
High Speed Synchronous Power MOSFET Smart Driver
logo
National Semiconductor ...
LM27222 NSC-LM27222 Datasheet
601Kb / 11P
High-Speed 4.5A Synchronous MOSFET Driver
logo
Semtech Corporation
SC1405D SEMTECH-SC1405D Datasheet
248Kb / 14P
High Speed Synchronous Power MOSFET Smart Driver
SC1210 SEMTECH-SC1210 Datasheet
158Kb / 9P
High Speed, 12 V, Synchronous Power MOSFET Driver
SC1218 SEMTECH-SC1218 Datasheet
395Kb / 12P
High Speed Synchronous MOSFET Driver
SC1205 SEMTECH-SC1205_04 Datasheet
254Kb / 12P
High Speed Synchronous Power MOSFET Driver
logo
Samtec, Inc
SC1205CS SAMTEC-SC1205CS Datasheet
255Kb / 12P
High Speed Synchronous Power MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com