Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8FS040ASB20EG Datasheet(PDF) 24 Page - Zilog, Inc.

Part # Z8FS040ASB20EG
Description  ZMOTION Detection and Control Family Featuring Zilog?셲 PIR Technology
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS040ASB20EG Datasheet(HTML) 24 Page - Zilog, Inc.

Back Button Z8FS040ASB20EG Datasheet HTML 20Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 21Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 22Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 23Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 24Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 25Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 26Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 27Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 28Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
ZMOTION
TM Detection and Control Family
Product Specification
PS028506-1110
PRELIMINARY
19
Standard API Register Set
The Standard API Register Set is a series of registers implemented in the Z8FS040 RAM that allows
the user code to configure and communicate with the PIR engine. The default values are loaded only
when the PIR engine is enabled via the PIR Enable Register.
API Register Name
Address
Mnemonic
Description
PIR Engine Enable Register
100h
ePIR_Enable
Enable PIR Engine
PIR Sensitivity Register
101h
ePIR_Sensitivity
Motion Sensitivity
PIR Status/Control Register 0
102h
ePIR_SC0
Motion Status and Engine Mode Control
PIR Status/Control Register 1
103h
ePIR_SC1
Engine Status and Control
PIR Status/Control Register 2
104h
ePIR_SC2
Range Control
PIR Status/Control Register 3
105h
ePIR_SC3
ADC Scan Request
PIR ADC Result Value
10Ah/10Bh
ePIR_ADC_Result ADC Scan Result
PIR Version
10Ch
ePIR_Version
PIR Engine Software Version
Table 5 - PIR Engine Standard API Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com