Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8FS040ASB20EG Datasheet(PDF) 53 Page - Zilog, Inc.

Part # Z8FS040ASB20EG
Description  ZMOTION Detection and Control Family Featuring Zilog?셲 PIR Technology
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS040ASB20EG Datasheet(HTML) 53 Page - Zilog, Inc.

Back Button Z8FS040ASB20EG Datasheet HTML 48Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 49Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 50Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 51Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 52Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 53Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 54Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 55Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 56Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
ZMOTION
TM Detection and Control Family
Product Specification
PS028506-1110
PRELIMINARY
48
The following flow diagram shows the general S/W operation for Low Scan Rate mode.
Figure 16 - Software Flow Diagram – Low Scan Mode
Set bit 7 of ePIR_SC1
(Engine Timer Tick)
5 Millisecond
Timer Interrupt
Return
One Second
Timer Tick
Start next ADC
Sample
Execute
EPIR_ADC_ISR
Macro
1 Second?
No
Yes
5 Millisecond
ADC Scan
Monitor ePIR
API for Events
RESET
Initialize API Registers
Recommended settings supplied in
lens/pyro configuration file
PIR Scan Rate = 1
User
Application
Code
Set ePIR_Enable Register to
ePIR_ENABLE_PATTERN
Execute EPIR_INIT Macro
Wait for PIR Sensor Stable
ePIR_SC0:0=1
ePIR
Initialization
Main
Application
Loop
Initialize Flash Frequency Register
Enable ADC in PWRCTL0
Initialize Oscillator & WDT
Set up GPIO’s for application
Set up Timer for 5 Millisecond Interrupt
Enable Global Interrupts
HALT
(Optional)
Application
Initialization
Turn off ADC to
Conserve Power
Enter ADC
Interrupt
Exit ADC
Interrupt
ADC
Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com