Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1437 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1437
Description  Precision Voltage Detector With Programmable Trigger Voltage & Timer Delay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1437 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1437 Datasheet HTML 1Page - Semtech Corporation SC1437 Datasheet HTML 2Page - Semtech Corporation SC1437 Datasheet HTML 3Page - Semtech Corporation SC1437 Datasheet HTML 4Page - Semtech Corporation SC1437 Datasheet HTML 5Page - Semtech Corporation SC1437 Datasheet HTML 6Page - Semtech Corporation SC1437 Datasheet HTML 7Page - Semtech Corporation SC1437 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
POWER MANAGEMENT
1
www.semtech.com
!
Low quiescent current, less than 10µA typical
!
Input voltage range 1.8V to 6.8V
!
Adjustable or preset voltage trip point
!
Selectable timer delays of 0, 40 and 80ms without use of
external resistor
!
SOT-23 5 lead package
!
Accuracy is 2% over specified temperature range
!
30V maximum rating
SC1437
Precision Voltage Detector With
Programmable Trigger Voltage & Timer Delay
Description
Features
Typical Application Circuit
Applications
Revision 01/10/2001
The SC1437 is a battery over voltage detection circuit with driver
for external MOSFET. The trip point is adjustable with an external
resistor divider connected to the SENSE pin. The trip point is
preset to a nominal trip voltage of 4.2V if no external divider is
used. Other internal trip voltages of 4.5V and 4.7V are available,
specified by different part numbers. An internal delay, with two
selectable times or bypass, is on-board to suppress accidental
over voltage conditions due to glitches on the battery supply volt-
age, V+. The delay is externally adjustable by pulling the SEL pin
high, low, or left floating. During an actual over voltage condition,
the internal driver will pull the over voltage pin (OV) down to the
voltage present at the V- pin. This insures the external N-Channel
MOSFET will be completely off during an over voltage condition.
Supply current during the monitoring mode of operation is ap-
proximately 10µA. If an over voltage condition is detected, supply
currents increase when the timer is started. A voltage comparator
will engage at voltages greater than 6.8V, which bypasses the
timer and open circuits the battery by turning off the external
MOSFET. This important function protects the battery during the
timer delay in the event of a charger failure. There are three
functional options available. With the B option the OV pin is active
low. With the L option the OV pin is active high. With the H option
the OV pin is open drain, active high. All options are available in a
5 lead SOT-23 package.
VTRIP = 2.1(1+R2/
R1)
BATTERY
2
SEL
V-
OV
V+
SENSE
0.1uF
100
0.1uF
100
SC1437
1
4
3
5
+
-
R2
R1
0.476 < (R2/
R1) < 2
!
Battery packs
!
Portable electronics
!
Lithium Ion protection circuits
!
Programmable Fuse
!
Power Monitoring
!
CPU Reset Circuits


Similar Part No. - SC1437

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
SC143 DIGITRON-SC143 Datasheet
128Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
SC143 NJSEMI-SC143 Datasheet
155Kb / 3P
Bi-Directional Tried* Thy ristor
logo
Digitron Semiconductors
SC143B DIGITRON-SC143B Datasheet
128Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
SC143D DIGITRON-SC143D Datasheet
128Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
SC143E DIGITRON-SC143E Datasheet
128Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
More results

Similar Description - SC1437

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP302 ONSEMI-NCP302 Datasheet
183Kb / 26P
Voltage Detector Series with Programmable Delay
January, 2005 ??Rev. 14.5
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM Datasheet
321Kb / 6P
Voltage Detector with Watchdog Timer
BD87A28FVM ROHM-BD87A28FVM Datasheet
322Kb / 6P
Voltage Detector with Watchdog Timer
logo
ON Semiconductor
NCP302 ONSEMI-NCP302_06 Datasheet
194Kb / 26P
Voltage Detector Series with Programmable Delay
May, 2006 ??Rev. 19
logo
Agamem Microelectronic ...
AA16 AGAMEM-AA16 Datasheet
205Kb / 12P
Voltage detector with delay
logo
ON Semiconductor
SCY99091FCT2G ONSEMI-SCY99091FCT2G Datasheet
207Kb / 26P
Voltage Detector Series with Programmable Delay
May, 2013 ??Rev. 25
logo
Texas Instruments
TPS3850 TI1-TPS3850 Datasheet
849Kb / 35P
Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850 TI1-TPS3850_16 Datasheet
1Mb / 44P
Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3852 TI1-TPS3852 Datasheet
1Mb / 30P
Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850-Q1 TI1-TPS3850-Q1 Datasheet
814Kb / 39P
Precision Voltage Supervisor with Programmable Window Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com