Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1437 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1437
Description  Precision Voltage Detector With Programmable Trigger Voltage & Timer Delay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1437 Datasheet(HTML) 3 Page - Semtech Corporation

  SC1437 Datasheet HTML 1Page - Semtech Corporation SC1437 Datasheet HTML 2Page - Semtech Corporation SC1437 Datasheet HTML 3Page - Semtech Corporation SC1437 Datasheet HTML 4Page - Semtech Corporation SC1437 Datasheet HTML 5Page - Semtech Corporation SC1437 Datasheet HTML 6Page - Semtech Corporation SC1437 Datasheet HTML 7Page - Semtech Corporation SC1437 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
 2000 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1437
Pin Configuration
SEL
V-
OV
V+
SENSE
5
4
1
3
2
Top View
SOT-23-5L
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1L
E
S.)
t
c
e
n
n
o
c
o
n
r
o
d
n
g
,
+
V
(
n
o
it
c
e
l
e
s
y
a
l
e
d
r
e
m
it
r
o
f
t
u
p
n
I
2-
V.r
e
g
r
a
h
c
f
o
l
a
n
i
m
r
e
t
e
v
it
a
g
e
N
3V
O
.
L
&
H
s
n
o
i
s
r
e
v
r
o
f
h
g
i
h
e
v
it
c
A
.
B
n
o
i
s
r
e
v
r
o
f
w
o
l
e
v
it
c
A
.t
u
p
t
u
o
e
g
a
tl
o
v
-r
e
v
O
4
E
S
N
E
S
r
o
ti
n
o
m
e
g
a
tl
o
v
r
o
f
-
V
o
t
e
i
T
.t
n
i
o
p
p
ir
t
e
g
a
tl
o
v
r
e
v
o
g
n
it
s
u
j
d
a
r
o
f
t
u
p
n
i
r
e
d
i
v
i
d
e
g
a
tl
o
V
.
n
o
it
a
r
u
g
if
n
o
c
5+
V.
n
i
p
y
l
p
p
u
s
t
u
p
n
I
Pin Descriptions
Ordering Information
E
C
I
V
E
D
)
1
(
E
G
A
K
C
A
P
R
T
X
X
B
-
K
S
I
7
3
4
1
C
SL
5
-
3
2
-
T
O
S
R
T
X
X
H
-
K
S
I
7
3
4
1
C
SL
5
-
3
2
-
T
O
S
R
T
X
X
L
-
K
S
I
7
3
4
1
C
SL
5
-
3
2
-
T
O
S
Notes:
(1) Where XX = 42 (4.2V), 45 (4.5V), 47 (4.7V)
Only available in tape and reel packaging.
A reel contains 3,000 devices.
Marking Information
yy = two-digit year of manufacture
ww = two-digit week of manufacture
7 = SC1437 Device
Output Option:
B = Output active low
L = Output active high
H = Output active high, with open drain
Voltage Option: 42 = 4.2V; 45 = 4.5V; 47 = 4.7V
7B45
Top Mark
yyww
Bottom Mark



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com