Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1462 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC1462
Description  HIGH OUTPUT CURRENT CHARGE PUMP DOUBLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1462 Datasheet(HTML) 7 Page - Semtech Corporation

  SC1462 Datasheet HTML 1Page - Semtech Corporation SC1462 Datasheet HTML 2Page - Semtech Corporation SC1462 Datasheet HTML 3Page - Semtech Corporation SC1462 Datasheet HTML 4Page - Semtech Corporation SC1462 Datasheet HTML 5Page - Semtech Corporation SC1462 Datasheet HTML 6Page - Semtech Corporation SC1462 Datasheet HTML 7Page - Semtech Corporation SC1462 Datasheet HTML 8Page - Semtech Corporation SC1462 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SC1462
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH OUTPUT CURRENT
CHARGE PUMP DOUBLER
October 20, 2000
7
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
LAYOUT CONSIDERATION
Standard power board layout should followed to en-
sure proper operation. Any stray inductance should
be minimized, this can be achieved by using large
power planes or traces, and reducing the distances
between input, output and the load. All components
should be placed as close as possible to the SC1462.
Following tables show typical capacitor characteris-
tics, and capacitor manufactures.
CAPACITOR SELECTION
Capacitor selection is based on both the maximum
acceptable ripple voltage and the maximum tolerable
drop at the output.
Ripple
The peak to peak output ripple voltage is dependent
on the following factors:
1- Oscillator Frequency
2- ESR of C
OUT
3- Capacitance value of C
out
Item 1 is fixed and depend on the charge pump de-
vice used. Item 2, and 3 can be optimized for best
performance and reduction of the output ripple.
The following formula could be used for an approxi-
mation for V
out_ripple.
Vout Drop
The voltage drop at the output is specified with the
following equation:
Vout_drop = Iout * Rout
Rout is dependent on the following factors:
1- Oscillator Frequency
2- ESR of C
OUT & Cbucket
3- Capacitance value of C
OUT & Cbucket
4- Internal switch resistance (Rsw = Total of all 4
switch resistances).
A good approximation for calculating the output resis-
tance is shown below.
This equation can be used to calculate Cbucket for a
specific Vout when Vin and Iout are known. The
maximum value for the Rsw from the Electrical Char-
acteristics section on page 2 should be used in order
to find a worst case number.
Component
ESR
(Ohms)
ESL
(nH)
0.1 uF Ceramic 0603 package
0.050
1.60
1.0 uF Ceramic 1206 package
0.040
0.47
10 uF Ceramic 1206 package
0.075
0.5
47 uF, 16V Tantalum D case
0.100
0.60
330 uF, 6.3V “OSCON”
0.025
2.5
330 uF, 16V Al Electrolytic
0.143
2.37
820 uF, 4.0V “OSCON”
0.012
2.5
1000 uF, 10V Al Electrolytic
0.053
5
Capacitor Manufacturers
Phone
AVX Corp.
(803)-448-9411
VISHAY
(207)-324-4140
Nichicon Corp.
(708)-843-7500
muRata
(800)-831-9172
TOKIN
(408)-432-8020
Taiyo Yuden
(800)-348-2496
Sanyo
(619)-661-6835
out
out
out
osc
out
out_ripple
C
ESR_
x
I
x
2
C
x
F
x
2
I
V
+
=
out
bucket
SW
bucket
osc
out
C
ESR_
C
ESR_
4
R
2
C
x
F
1
R
+
×
+
×
+
≅



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com