Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1462 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1462
Description  HIGH OUTPUT CURRENT CHARGE PUMP DOUBLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1462 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1462 Datasheet HTML 1Page - Semtech Corporation SC1462 Datasheet HTML 2Page - Semtech Corporation SC1462 Datasheet HTML 3Page - Semtech Corporation SC1462 Datasheet HTML 4Page - Semtech Corporation SC1462 Datasheet HTML 5Page - Semtech Corporation SC1462 Datasheet HTML 6Page - Semtech Corporation SC1462 Datasheet HTML 7Page - Semtech Corporation SC1462 Datasheet HTML 8Page - Semtech Corporation SC1462 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SC1462
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH OUTPUT CURRENT
CHARGE PUMP DOUBLER
October 20, 2000
1
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
DESCRIPTION
The SC1462 is a versatile charge pump designed for
use in battery operated power supply applications over
the wide input range of 1.65 to 5.5 volts. A simple, low
quiescent current charge pump doubler can be imple-
mented without costly inductors or capacitors. Internal
MOSFETs and control circuitry eliminate the need for
costly board space and design time. The small 6 lead
SOT-23 package helps minimize board space.
The SC1462 charge pump can be used for applica-
tions that require up to 80mA of output current with V
IN
= 2.5V to 5.5V. Typical dropout voltage (2*Vin-Vout) is
shown below for several values of Vin.
FEATURES
•= Input supply voltage range of 1.65V to 5.5V
•= Small size - 6 pin SOT-23 package
•= Typical efficiency of :
91% @ Vin = 2.5V, Iout = 45mA
94% @ Vin = 3.6V, Iout = 55mA
•= Short circuit and over-temperature protection
•= 140µA typical input current @ no load
•= Shutdown current <1µA
•= Designed to work with ceramic or Tantalum
capacitors
•= Fixed frequency of 160kHz
•= All specifications rated over full temperature
range (-40°C to 85°C)
APPLICATIONS
•= Cellular phones
•= Handheld devices
ORDERING INFORMATION
DEVICE
(1)
PACKAGE
Temp. Range (T
A)
SC1462ISKTR
SOT-23-6
-40°C to 85°C
Note:
(1) Only available in tape and reel packaging. A reel
contains 3000 devices.
TYPICAL APPLICATION SCHEMATIC
T ypical Dropou t Voltage vs Iou t
@T a = 25 Deg. C.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
000E+0
20E-3
40E-3
60E-3
80E-3
100E-3
Iou t (A)
Vin = 1.5V
Vin = 2.5V
Vin = 3.6V
Vin = 4.5V
Vin = 5.5V


Similar Part No. - SC1462

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1462 SEMTECH-SC1462 Datasheet
221Kb / 10P
High Output Current Charge Pump Doubler
SC1462A SEMTECH-SC1462A Datasheet
182Kb / 9P
High Efficency Charge Pump Doubler
SC1462AISKTR SEMTECH-SC1462AISKTR Datasheet
182Kb / 9P
High Efficency Charge Pump Doubler
SC1462ISKTR SEMTECH-SC1462ISKTR Datasheet
221Kb / 10P
High Output Current Charge Pump Doubler
SC1462ISKTRT SEMTECH-SC1462ISKTRT Datasheet
221Kb / 10P
High Output Current Charge Pump Doubler
More results

Similar Description - SC1462

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1882 MICROSEMI-LX1882 Datasheet
322Kb / 13P
Charge Pump Doubler with Linear Regulator
logo
Semtech Corporation
SC1462 SEMTECH-SC1462_05 Datasheet
221Kb / 10P
High Output Current Charge Pump Doubler
SC1462A SEMTECH-SC1462A Datasheet
182Kb / 9P
High Efficency Charge Pump Doubler
logo
Catalyst Semiconductor
CAT660 CATALYST-CAT660_07 Datasheet
174Kb / 16P
100mA CMOS Charge Pump Inverter/Doubler
CAT661 CATALYST-CAT661_07 Datasheet
173Kb / 17P
High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
logo
ON Semiconductor
CAT660ELA ONSEMI-CAT660ELA Datasheet
177Kb / 16P
100mA CMOS Charge Pump Inverter/Doubler
Doc. No. MD-5000, Rev. X
CAT661ELA ONSEMI-CAT661ELA Datasheet
183Kb / 17P
High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
Doc. No. MD-5003, Rev. L
logo
Microsemi Corporation
LX1882 MICROSEMI-LX1882_05 Datasheet
322Kb / 13P
Charge Pump Doubler with Linear Regulator
logo
New Japan Radio
NJW4190 NJRC-NJW4190 Datasheet
165Kb / 2P
Doubler/Invert Charge Pump IC
NJW4190 NJRC-NJW4190_13 Datasheet
72Kb / 7P
Doubler Charge Pump IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com