Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1537 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1537
Description  700mA SmartLDOTM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1537 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1537 Datasheet HTML 1Page - Semtech Corporation SC1537 Datasheet HTML 2Page - Semtech Corporation SC1537 Datasheet HTML 3Page - Semtech Corporation SC1537 Datasheet HTML 4Page - Semtech Corporation SC1537 Datasheet HTML 5Page - Semtech Corporation SC1537 Datasheet HTML 6Page - Semtech Corporation SC1537 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
700mA SmartLDO
TM
SC1537
PRELIMINARY - July 25, 2000
1
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
FEATURES
•= Glitch-free transition between input sources
•= Internal logic selects input source
•= Gate drive for external PMOS bypass switch
•= 5V detector with hysteresis
•= 1% regulated output voltage accuracy
•= 700mA load current capability
•= SO-8 and TO-263 packages
APPLICATIONS
•= Desktop Computers
•= Network Interface Cards (NICs)
•= PCMCIA/PCI Interface Cards
•= CardbusTM Technology
•= Power supplies with multiple input sources
ORDERING INFORMATION
Part Number
(1)
Package
SC1537CSTR
SO-8
SC1537CMTR
TO-263-5L
Note:
(1) Only available in tape and reel packaging. A reel con-
tains 2500 devices for SO-8 and 800 devices for TO-263.
DESCRIPTION
The SC1537 is designed to maintain a glitch-free 3.3V
output when at least one of two inputs, 5V (VIN) and
3.3V (VAUX), is present.
Whenever VIN exceeds a predetermined threshold
value, the internal 3.3V linear regulator is enabled, and
DR is pulled high.
When VIN falls below a lower threshold value, DR is
pulled low and the internal linear regulator is turned off.
DR has been designed to drive the gate of an external
low threshold P-channel MOSFET, which can be used
to connect the 3.3V supply directly to the regulator
output. This ensures an uninterrupted 3.3V output even
if VIN falls out of specification. A maximum R
DS(ON) of
100m
Ω is recommended.
When both supplies are simultaneously available, the
drive pin (DR) will be pulled High, turning off the exter-
nal PMOS switch.
The internal 5V detector has its upper threshold (for
VIN rising) set to 4.22V (typical) while the lower thresh-
old (for VIN falling) is at 4.05V (typical) giving a hystere-
sis of approximately 170mV.
The SC1537 is available in the popular SO-8 and
5-lead TO-263 surface mount packages.
APPLICATION CIRCUIT
NOTE:
(1) External switch (Q1): use a low threshold P-channel MOSFET such as Vishay Si2305DS (R
DS(ON) < 71mΩ at
V
GS = 2.5V) or International Rectifier IRLML6401 (RDS(ON) < 85mΩ at VGS = 2.5V), or equivalent.
3.3V OUT
3.3V
5V
5V
3.3V
3.3V OUT
C3
0.1uF
C4
10uF
C2
10uF
C5
0.1uF
Q1
C1
0.1uF
U1
SC1537CM
1
2
3
4
5
VIN
VAUX GND
VO
DR
TAB
U1 SC1537CS
1
2
3
4
5
6
7
8
VAUX
VIN
VO
DR
GND
GND
GND
GND
C2
10uF
Q1
C4
10uF
C1
0.1uF
C3
0.1uF
C5
0.1uF


Similar Part No. - SC1537

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1531 SEMTECH-SC1531 Datasheet
264Kb / 11P
200mA & 250mA SmartLDOs
SC1531A SEMTECH-SC1531A Datasheet
264Kb / 11P
200mA & 250mA SmartLDOs
SC1531ACSTR SEMTECH-SC1531ACSTR Datasheet
264Kb / 11P
200mA & 250mA SmartLDOs
SC1531CSTR SEMTECH-SC1531CSTR Datasheet
264Kb / 11P
200mA & 250mA SmartLDOs
SC1532 SEMTECH-SC1532 Datasheet
109Kb / 9P
400mA SmartLDOTM with Internal Pass MOSFET
More results

Similar Description - SC1537

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB07-015C SANYO-SB07-015C Datasheet
51Kb / 2P
15V, 700mA Rectifier
SB07-03C SANYO-SB07-03C Datasheet
57Kb / 2P
30V, 700mA Rectifier
SB07W03V SANYO-SB07W03V Datasheet
93Kb / 2P
30V, 700mA Rectifier
logo
Semtech Corporation
SC1532 SEMTECH-SC1532 Datasheet
109Kb / 9P
400mA SmartLDOTM with Internal Pass MOSFET
SC1534 SEMTECH-SC1534 Datasheet
94Kb / 7P
400mA SmartLDOTM
SC1545 SEMTECH-SC1545 Datasheet
83Kb / 8P
500mA SmartLDOTM With Power Up Signal Sequencing
logo
Dialight Corporation
MCDE36-700-P DIALIGHT-MCDE36-700-P Datasheet
134Kb / 2P
700MA OUTPUT
logo
Sanyo Semicon Device
SB07-03C SANYO-SB07-03C_07 Datasheet
64Kb / 3P
30V, 700mA Rectifier
SB07-03P SANYO-SB07-03P_04 Datasheet
31Kb / 3P
30V, 700mA Rectifier
SB07-03P SANYO-SB07-03P_12 Datasheet
425Kb / 6P
30V, 700mA Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com