Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1628 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1628
Description  HIGH-EFFICIENCY STEP-UP DC-DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1628 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1628 Datasheet HTML 1Page - Semtech Corporation SC1628 Datasheet HTML 2Page - Semtech Corporation SC1628 Datasheet HTML 3Page - Semtech Corporation SC1628 Datasheet HTML 4Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH-EFFICIENCY STEP-UP
DC-DC CONVERTER
SC1628
January 30, 1998
Note:
(1) Add suffix ‘TR’ for tape and reel.
FEATURES
• 4V to 24V input voltage operation
• Adjustable output voltage
• Low quiescent current at 100µA
• Pulse-skipping and pulse-frequency modulation
maintain high efficiency (max. 95%)
• 90kHz to 250kHz oscillator frequency
• Power-saving shutdown mode (8µA typical)
• Push-pull driver output
DESCRIPTION
The SC1628 is a high performance step-up DC-DC
converter, designed to drive an external power switch
to generate programmable positive voltages. In the
particularly suitable LCD contrast bias and flash
memory programming power supply applications,
typical full load efficiencies are 85% to 95%. The 4V to
24V input operation range allows the SC1628 to be
powered directly by the battery pack in most battery-
powered applications for greater efficiency. The output
voltage can be scaled to 40V or greater by two external
resistors. A pulse-frequency modulation scheme is
employed to maintain high efficiency conversion under
wide input voltage ranges. Quiescent current is about
100µA and can be reduced down to 8µA in shutdown
mode. With a switching frequency range of 90kHz to
250kHz, small size switching components may be
used, which is ideal for battery powered portable
equipment such as notebook and palmtop computers.
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
BLOCK DIAGRAM
APPLICATIONS
• Flash memory programming power supply
• Positive LCD contrast bias for notebook and palm-
top computers
• Step-up DC-DC converter module
• Telecom power supply
ORDERING INFORMATION
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Maximum
Units
Supply Voltage
V
IN
24
V
SHDN Voltage
V
SHDN
15
V
Operating
Temperature Range
T
A
0 to 70
°C
Storage
Temperature Range
T
STG
-65 to 125
°C
PIN CONFIGURATION
DEVICE
(1)
PACKAGE
SC1628CS
SO-8


Similar Part No. - SC1628

ManufacturerPart #DatasheetDescription
logo
GardTec, Inc.
SC162-P10 GARDTEC-SC162-P10 Datasheet
25Kb / 1P
Thru-hole Plastic
SC162-W1 GARDTEC-SC162-W1 Datasheet
368Kb / 1P
C1008 Steel
SC162-W10 GARDTEC-SC162-W10 Datasheet
378Kb / 1P
C1008 Steel
SC162-W12 GARDTEC-SC162-W12 Datasheet
388Kb / 1P
C1008 Steel
SC162-W13 GARDTEC-SC162-W13 Datasheet
397Kb / 1P
C1008 Steel
More results

Similar Description - SC1628

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
High Efficiency Step Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
High Efficiency Synchronous Step-Up DC/DC Converter
February 3, 2010
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Unisonic Technologies
UC3500 UTC-UC3500_15 Datasheet
418Kb / 10P
HIGH EFFICIENCY VFMCONTROLLED STEP-UP DC/DC CONVERTER
logo
ELM Electronics
ELM621LA ELM-ELM621LA Datasheet
527Kb / 9P
High efficiency 30V step up DC/DC converter
logo
ams AG
AS1345 AMSCO-AS1345 Datasheet
517Kb / 29P
18V, High Efficiency, DC-DC Step-Up Converter
AS3677 AMSCO-AS3677_17 Datasheet
1Mb / 106P
High-efficiency step up DC/DC converter
logo
ELM Technology Corporat...
ELM93 ELM-TECH-ELM93 Datasheet
1Mb / 8P
High efficiency PFM step-up DC/DC converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
High Efficiency, Step-up DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com