Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1766 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1766
Description  BATTERY CHARGE CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1766 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC1766 Datasheet HTML 3Page - Semtech Corporation SC1766 Datasheet HTML 4Page - Semtech Corporation SC1766 Datasheet HTML 5Page - Semtech Corporation SC1766 Datasheet HTML 6Page - Semtech Corporation SC1766 Datasheet HTML 7Page - Semtech Corporation SC1766 Datasheet HTML 8Page - Semtech Corporation SC1766 Datasheet HTML 9Page - Semtech Corporation SC1766 Datasheet HTML 10Page - Semtech Corporation SC1766 Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
© 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
BATTERY
CHARGE CONTROLLER
SC1766
Janaury 30, 1998
PRINCIPLES OF OPERATION (cont.)
MODE PIN
The MODE pin determines the mode in which the IC
works:
MODE
Mode
Function
Floating
NORMAL
normal operation
VDD
TEST
1/512 safety timer
GND
AC
-
∆V detector reset timer
stops (not reset)
The SC1766 will operate normally when the MODE
pin is left floating (a 0.1µF capacitor is recom-
mended to be tied to the MODE pin if the charge cir-
cuit works in a noisy environment). The SC1766 oth-
erwise works in the following ways if the MODE pin
is biased either to VDD or to GND:
A) AC Mode (MODE pin biased to GND)
In the midst of normal charge operation, where the
VBT pin voltage is in the range from 0.8V to 3.5V
and the preset safety timer has not run out, the
safety timer will stop if the MODE pin is pulled down
to GND level. As long as the MODE pin remains low,
the VOUT pin stays ON and the LED pin OFF re-
gardless of whether the battery pack voltage de-
clines (-
∆V present) or not. AC mode can be acti-
vated by pulling the MODE pin to GND to avoid pre-
mature battery charge cutoff due to fluctuating
charge current source. Switching the MODE pin af-
ter the end of the safety timer has no effect on the
SC1766 display outputs, i.e., VOUT pin stays OFF
while LED pin stays ON.
B) TEST Mode (MODE pin biased to VDD)
A unique feature of the SC1766 is that it can be put
into a TEST mode by pulling the MODE pin to VDD,
allowing verification tests for the SC1766 charge cir-
cuit to be performed in a few tens of seconds, ex-
tremely valuable in the final phase of production.
When the SC1766 is in TEST mode, all the internal
timers are reduced by the following factors when
compared to normal operation:
1.
Safety timer reduced by a factor of 512 times;
2.
Initial timer reduced by a factor of 512 times;
3.
Peak timer reduced by a factor of 64 times.
One critical requirement needs to be observed for the
OPERATION CHART OF THE SC1766
NO
NO
YES
YES
YES
NO
NO
NO
YES
POWER ON
IF
0.65V<VBT<3.7V
V
OUTgoes high for
trickle charge.
Safety timer and
-
∆V detector reset.
IF
αNTCL >αNTC
&
αNTC >αNTCH
V
OUT goes high for
trickle charge.
-
∆V detector reset.
Safety timer stops.
V
OUT goes low for fast
charge.
Safety timer starts
counting.
-
∆V detector & peak
voltage timer start
working after initial
period ends.
-
∆V detector & peak
voltage timer working.
IF
αNTCL >αNTC
&
αNTC >αNTCH
V
OUT goes high for
trickle charge.
-
∆V detector reset.
Safety timer stops.
IF
0.65<VBT<3.7V
V
OUT goes high for
trickle charge.
Safety timer and
-
∆V detector reset.
IF
Safety timer
period has
finished
IF
Peak voltage
timer period has
finished
IF
0.25% decline
of VBT is
detected
V
OUT goes to high, fast charge finished, and trickle charge starts.
NO
YES
YES
YES
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com