Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1766 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC1766
Description  BATTERY CHARGE CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1766 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC1766 Datasheet HTML 3Page - Semtech Corporation SC1766 Datasheet HTML 4Page - Semtech Corporation SC1766 Datasheet HTML 5Page - Semtech Corporation SC1766 Datasheet HTML 6Page - Semtech Corporation SC1766 Datasheet HTML 7Page - Semtech Corporation SC1766 Datasheet HTML 8Page - Semtech Corporation SC1766 Datasheet HTML 9Page - Semtech Corporation SC1766 Datasheet HTML 10Page - Semtech Corporation SC1766 Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
© 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
BATTERY
CHARGE CONTROLLER
SC1766
Janaury 30, 1998
PRINCIPLES OF OPERATION (cont.)
-
∆V detector of the SC1766 to work properly in test
mode, which is that the VBT voltage must be kept be-
tween approximately 2.8V to 3.3V, rather than 0.8V to
3.5V in NORMAL mode.
If the TEST mode function is to be utilized in produc-
tion test, it has to be well planned and included in the
circuit design phase to make the voltages of the VBT
pin and MODE pins extremely controllable. In addition,
an externally controllable TIMER pin can further reduce
the test time required for testing the SC1766 in TEST
mode.
The figure below shows the timing diagram for exter-
nally controlled VBT, TIMER and MODE pin voltages
of a recommended SC1766 charge circuit production
test scheme, utilizing the TEST mode function. Output
waveforms of the VOUT and LED pins (and FLASH pin
for 14-pin version) of a properly functioning SC1766
are also shown in the figure. In time segments 4, 8 and
10, the VOUT pin should change from ON to OFF, the
LED pin from OFF to ON, and the FLASH pin from ON
to flashing output (approximately 4 Hz). For the rest of
the time, the VOUT pin should remain ON, the LED pin
OFF, and the FLASH pin ON. The LED indicators work
as follows:
LED
VOUT
FLASH
PIN
PIN
PIN
Fast Charge
OFF
ON
ON
Trickle Charge ON
OFF
FLASH
VBT Abnormal OFF
OFF
OFF
The LED pin is used in conjunction with the VOUT pin
while the FLASH pin works alone.
Referring to the typical application circuit, the tempera-
ture limits beyond where the fast charge is prohibited
can be set by choosing values for resistors and the
thermistor of the thermistor divider according to the fol-
lowing formula:
R18 = 3.57 R
T1 RT2 / (RT1-RT2)
R19 = 10 R
T1 RT2 / (1.218RT1 - 11.2RT2)
RT1: Thermistor resistance at low temp. limit
RT2: Thermistor resistance at high temp. limit
Timing Diagram of the SC1766 in the Test Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com