Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UR5512-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UR5512-S08-R
Description  2A DDR BUS TERMINATION REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR5512-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UR5512-S08-R Datasheet HTML 1Page - Unisonic Technologies UR5512-S08-R Datasheet HTML 2Page - Unisonic Technologies UR5512-S08-R Datasheet HTML 3Page - Unisonic Technologies UR5512-S08-R Datasheet HTML 4Page - Unisonic Technologies UR5512-S08-R Datasheet HTML 5Page - Unisonic Technologies UR5512-S08-R Datasheet HTML 6Page - Unisonic Technologies UR5512-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UR5512
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R101-017,D
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
UNIT
VCNTL Control Voltage
VCNTL
-0.2 ~ 7
V
VIN Supply Voltage
VIN
-0.2 ~ 6
V
Power Dissipation
PD
Internally Limited
W
Junction Temperature
TJ
+125
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note:
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RANGE
UNIT
VCNTL Control Voltage (Note 1)
VCNTL
3.1 ~ 6
V
VIN Supply Voltage
VIN
1.6 ~ 5.5
V
VREF Input Voltage
VREF
0.85 ~ 1.75
V
VOUT Output Voltage (Note 2)
VOUT
VREF ± 0.02
V
VOUT Output Current
IOUT
-2 ~ +2
A
Junction Temperature
TJ
0 ~ +125
°C
Notes: 1. Please always keep VCNTL-VOUT>1.9V for good regulation.
2. The VOUT tracks the VREF with additional voltage offset and load regulation.
ELECTRICAL CHARACTERISTICS
(VIN = 1.8V, VCNTL = 5V, VREFEN = 0.5VIN), Ta = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CURRENT
IOUT = 0A
2
4
mA
Operation Current of VCNTL
ICNTL
VREF=GND (Shutdown)
1.9
mA
VREF =1.25V
200
500
nA
Current into VREF Pin
IREF
VREF = GND (Shutdown)
20
40
µA
Standby Current
ISTB
VREF < 0.2V, RLOAD = 180Ω
50
90
µA
OUTPUT VOLTAGE
Output Voltage Offset (VOUT - VREF)
VO(OFF)
IOUT = 0A
-20
6
+20
mV
Load Regulation
ΔVLOAD
IOUT = ±1.5A
-20
+20
mV
PROTECTION
Current limit
ILIMIT
2.0
A
Thermal Shutdown Temperature
TSD
VCNTL = 5V
125
180
°C
Thermal Shutdown Hysteresis
ΔTSD
VCNTL = 5V
40
°C
REFEN Shutdown
VIH
Enable
0.6
V
Shutdown Threshold
VIL
Shutdown
0.15
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com