Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UR5512-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UR5512-S08-R
Description  2A DDR BUS TERMINATION REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR5512-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UR5512-S08-R Datasheet HTML 1Page - Unisonic Technologies UR5512-S08-R Datasheet HTML 2Page - Unisonic Technologies UR5512-S08-R Datasheet HTML 3Page - Unisonic Technologies UR5512-S08-R Datasheet HTML 4Page - Unisonic Technologies UR5512-S08-R Datasheet HTML 5Page - Unisonic Technologies UR5512-S08-R Datasheet HTML 6Page - Unisonic Technologies UR5512-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UR5512
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R101-017,D
2A DDR BUS TERMINATION
REGULATOR
DESCRIPTION
The UTC UR5512 is a linear regulator which provides up to 2
Amp bi-directional driving and sinking capability for DDR SDRAM
bus terminator application. The output termination voltage tracks the
reference voltage applied at VREF pin. A resistor divider connected to
VIN, GND and VREF pins is used to force a reference voltage to VREF
pin.
The UTC UR5512 contains a high-speed operational amplifier to
provide excellent response to line/load transient. An active-low
shutdown (VREF) pin provides Suspend to RAM (STR) functionality.
Additional features include current limiting protection, on-chip
thermal shut-down protection.
FEATURES
* DDR-I and DDR-II termination voltage applications
* Driving and sinking current up to 2A
* Low output voltage offset (within 20mV@±2A)
* Adjustable output voltage by external resistors
* Suspend to RAM (STR) functionality
* Current limiting protection
* Thermal protection
* Cost-effective and easy to use
SOP-8
HSOP-8
TO-252-5
1
Lead-free:
UR5512L
Halogen-free: UR5512G
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Halogen Free
Package
Packing
UR5512-S08-R
UR5512L-S08-R
UR5512G-S08-R
SOP-8
Tape Reel
UR5512-SH2-R
UR5512L-SH2-R
UR5512G-SH2-R
HSOP-8
Tape Reel
UR5512-TN5-R
UR5512L-TN5-R
UR5512G-TN5-R
TO-252-5
Tape Reel
UR5512L-S08-R
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel
(2) S08: SOP-8, SH2: HSOP-8, TN5: TO-252-5
(3) G: Halogen Free, L: Lead Free, Blank: Pb/Sn


Similar Part No. - UR5512-S08-R

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
UR5512-S08-R ETL-UR5512-S08-R Datasheet
218Kb / 7P
2A DDR BUS TERMINATION REGULATOR
More results

Similar Description - UR5512-S08-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6550 FAIRCHILD-FAN6550 Datasheet
99Kb / 12P
2A DDR Bus Termination Regulator
FAN6555 FAIRCHILD-FAN6555 Datasheet
116Kb / 12P
2A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5512 UTC-UR5512 Datasheet
117Kb / 7P
2A DDR BUS TERMINATION REGULATOR
UR6512 UTC-UR6512 Datasheet
228Kb / 7P
2A DDR BUS TERMINATION REGULATOR
UR6515C UTC-UR6515C Datasheet
666Kb / 8P
2A DDR BUS TERMINATION REGULATOR
logo
E-Tech Electronics LTD
UR5512 ETL-UR5512 Datasheet
218Kb / 7P
2A DDR BUS TERMINATION REGULATOR
logo
Unisonic Technologies
UR5512 UTC-UR5512_14 Datasheet
184Kb / 6P
2A DDR BUS TERMINATION REGULATOR
UR6511 UTC-UR6511 Datasheet
139Kb / 4P
2A DDR BUS TERMINATION REGULATOR
UR6512 UTC-UR6512_15 Datasheet
192Kb / 6P
2A DDR BUS TERMINATION REGULATOR
UR5513 UTC-UR5513 Datasheet
285Kb / 6P
2A DDR BUS TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com