Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC5826 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC5826
Description  HotSwitch??USB Power Distribution Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5826 Datasheet(HTML) 5 Page - Semtech Corporation

  SC5826 Datasheet HTML 1Page - Semtech Corporation SC5826 Datasheet HTML 2Page - Semtech Corporation SC5826 Datasheet HTML 3Page - Semtech Corporation SC5826 Datasheet HTML 4Page - Semtech Corporation SC5826 Datasheet HTML 5Page - Semtech Corporation SC5826 Datasheet HTML 6Page - Semtech Corporation SC5826 Datasheet HTML 7Page - Semtech Corporation SC5826 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SC5826
© 2000 SEMTECH CORP.
HotSwitch™
USB Power Distribution Switch
PRELIMINARY - February 18, 2000
652 MITCHELL ROAD NEWBURY PARK CA 91320
5
DETAILED DESCRIPTION
The SC5826 HotSwitch™ is a dual port, high-side
switch optimized for power control & distribution in Uni-
versal Serial Bus (USB) applications. It features an n-
channel power MOSFET with a low on-state resistance
for meeting USB voltage regulation requirements. It
available with active high (SC5826-1) or active low
(SC5826-2) inputs.
In/Out
The input is the supply voltage connection to the drain
of the power switch MOSFET. The output is con-
nected to the source of the MOSFET. Under normal
operating conditions when the power switch is enabled,
current flows from the input to the output towards the
load. The power switch is designed to sustain a mini-
mum load current of 500mA in accordance with USB
specifications.
Charge Pump
An internal charge pump powers the MOSFET gate
drive circuit and provides the necessary voltage to pull
the gate above the source.
Control Logic
The gate drive circuit controls the gate voltage of the
MOSFET power switch. The gate drive circuit also
controls the rise & fall times of the power switch output
voltage. The typical “soft start” or output voltage rise
time is 1ms.
Enable Input
A logic signal at the enable (EN) pin activates the
power MOSFET switch. A logic 1 (SC5826-1) or logic
0 (SC5826-2) will bias the charge pump, gate drive,
and control circuitry turning on the power switch. A
logic signal of opposite polarity turns off the switch. If
both outputs are off, the device powers down. The en-
able input is compatible with 3V & 5V logic levels.
Error Flag
The error flag (FLG) output is an n-channel, open drain
MOSFET. The FLG pin is an active low during short
circuit, undervoltage, or thermal shutdown conditions.
The output remains low until the fault condition is re-
moved.
Thermal Sense
An internal thermal shutdown circuit turns off the power
switch output MOSFET when the die junction tempera-
ture exceeds 160°C. The output FLG pin is asserted
to a logic low signaling a fault condition. A built in hys-
teresis prevents the switch from turning on until the die
temperature has cooled approximately 10°C. The
switch will continue to cycle on and off until the fault
condition is removed. The thermal sense circuit func-
tions only when the switch is enabled.
Undervoltage Lockout
An undervoltage lockout circuit monitors the input volt-
age and prevents the power switch MOSFET from
turning on until the input voltage (IN) exceeds 2.5V
(typical). If the input voltage falls 90mV (typical) below
that point after the switch has been turned on, the un-
dervoltage lockout turns off the power switch output
MOSFET and asserts the FLG output to logic low. The
undervoltage lockout functions only when the switch is
enabled.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com