Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC5826 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC5826
Description  HotSwitch??USB Power Distribution Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5826 Datasheet(HTML) 7 Page - Semtech Corporation

  SC5826 Datasheet HTML 1Page - Semtech Corporation SC5826 Datasheet HTML 2Page - Semtech Corporation SC5826 Datasheet HTML 3Page - Semtech Corporation SC5826 Datasheet HTML 4Page - Semtech Corporation SC5826 Datasheet HTML 5Page - Semtech Corporation SC5826 Datasheet HTML 6Page - Semtech Corporation SC5826 Datasheet HTML 7Page - Semtech Corporation SC5826 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SC5826
© 2000 SEMTECH CORP.
HotSwitch™
USB Power Distribution Switch
PRELIMINARY - February 18, 2000
652 MITCHELL ROAD NEWBURY PARK CA 91320
7
TYPICAL APPLICATIONS
Figure 2 - Bus-powered hub with ganged port power management
Bus-powered hub, ganged port power
management:
A bus-powered hub distributes power and data from an
input port to downstream ports. It must supply a con-
tinuous 100mA of current to each downstream port. A
bus-powered hub must be able to switch power to
downstream ports to prevent illegal device hook-up.
Inrush current limiting is also required to prevent power
supply drooping. The circuit below utilizes the SC5826
to provide ganged port power switching, inrush current
limiting and overcurrent protection for maximum port
protection. In a ganged switch configuration, all ports
are switched simultaneously. Under fault conditions,
the USB controller will remove power to all of the
ganged ports. For individual port management, an ad-
ditional SC5826 may be used.
Since USB is a hot insertion and removal system, USB
ports are subject to electrostatic discharge (ESD). The
SRDA05-4 provides ESD protection on the down-
stream data and power lines. Each device will protect
two USB ports. With proper layout the port is hard-
ened to greater than 15kV, meeting the requirements
of IEC 1000-4-2. On the upstream port, the LCDA05
provides ESD protection to the above levels for one
line pair. The SC5203 (or SC5205) LDO regulator is
used to power the hub controller from the upstream
bus.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com