Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD05 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SD05
Description  Single Line TVS Diode for ESD Protection in Portable Electronics
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SD05 Datasheet(HTML) 1 Page - Semtech Corporation

  SD05 Datasheet HTML 1Page - Semtech Corporation SD05 Datasheet HTML 2Page - Semtech Corporation SD05 Datasheet HTML 3Page - Semtech Corporation SD05 Datasheet HTML 4Page - Semtech Corporation SD05 Datasheet HTML 5Page - Semtech Corporation SD05 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PROTECTION PRODUCTS
1
www.semtech.com
PROTECTION PRODUCTS
SD05 & SD12
Single Line TVS Diode for ESD
Protection in Portable Electronics
Description
Features
Schematic & PIN Configuration
Revision 9/2000
Applications
Mechanical Characteristics
The SDxx TVS diodes are designed to replace multilayer
varistors (MLVs) in portable applications such as cell
phones, notebook computers, and PDA’s. They offer
superior electrical characteristics such as lower clamp-
ing voltage and no device degradation when compared
to MLVs. The SDxx series TVS diodes are designed to
protect sensitive semiconductor components from
damage or upset due to electrostatic discharge (ESD)
and other voltage induced transient events.
The SDxx is in a SOD-323 package and will protect one
unidirectional line. They are available with working
voltages of 5 volts (SD05) and 12 volts (SD12). These
devices will fit on the same PCB pad area as an 0805
MLV device. They give the designer the flexibility to
protect one line in applications where arrays are not
practical. Additionally, it may be “sprinkled” around the
board in applications where board space is at a pre-
mium.
They may may be used to meet the ESD immunity
requirements of IEC 61000-4-2, Level 4 (15kV air, 8kV
contact discharge).
u 350 Watts peak pulse power (tp = 8/20µs)
u Transient protection for data lines to
IEC 61000-4-2 (ESD) 15kV (air), 8kV (contact)
IEC 61000-4-4 (EFT) 40A (tp = 5/50ns)
IEC 61000-4-5 (Lightning) 24A (tp = 8/20µs)
u Small package for use in portable electronics
u Suitable replacement for MLV’s in ESD protection
applications
u Protects one I/O or power line
u Low clamping voltage
u Working voltages: 5V & 12V
u Low leakage current
u Solid-state silicon-avalanche technology
u EIAJ SOD-323 package
u Molding compound flammability rating: UL 94V-0
u Marking : Marking code, cathode band
u Packaging : Tape and Reel per EIA 481
u Cell Phone Handsets and Accessories
u Microprocessor based equipment
u Personal Digital Assistants (PDA’s)
u Notebooks, Desktops, & Servers
u Portable Instrumentation
u Pagers Peripherals
12
SOD-323 (Top View)


Similar Part No. - SD05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SD05 ONSEMI-SD05 Datasheet
216Kb / 2P
Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
logo
Semtech Corporation
SD05 SEMTECH-SD05 Datasheet
150Kb / 6P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Diodes Incorporated
SD05 DIODES-SD05 Datasheet
74Kb / 4P
UNI-DIRECTIONAL SURFACE MOUNT TVS
DS31594 Rev. 4 - 2
logo
SeCoS Halbleitertechnol...
SD05 SECOS-SD05 Datasheet
152Kb / 3P
300W Transient Voltage Suppressors Diode
logo
Littelfuse
SD05 LITTELFUSE-SD05 Datasheet
699Kb / 4P
450W Discrete Unidirectional TVS Diode
More results

Similar Description - SD05

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SD05C SEMTECH-SD05C Datasheet
143Kb / 7P
Single Line TVS Diode for ESD Protection in Portable Electronics?
logo
KEC(Korea Electronics)
PG05UBUL2 KEC-PG05UBUL2 Datasheet
52Kb / 3P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Pan Jit International I...
PJSD05CW PANJIT-PJSD05CW Datasheet
85Kb / 4P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
KEC(Korea Electronics)
PG03JSUSC KEC-PG03JSUSC Datasheet
36Kb / 2P
Single Line TVS Diode for ESD Protection in Portable Electronics
PG05FSESC KEC-PG05FSESC Datasheet
35Kb / 2P
Single Line TVS Diode for ESD Protection in Portable Electronics
PG05GBUSC KEC-PG05GBUSC Datasheet
36Kb / 2P
Single Line TVS Diode for ESD Protection in Portable Electronics
PG24FSUSC KEC-PG24FSUSC Datasheet
36Kb / 2P
Single Line TVS Diode for ESD Protection in Portable Electronics
PG05TBUL2 KEC-PG05TBUL2 Datasheet
472Kb / 2P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Samtec, Inc
SD05.TCT SAMTEC-SD05.TCT Datasheet
147Kb / 6P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Pan Jit International I...
PJSD05CW-AU PANJIT-PJSD05CW-AU Datasheet
96Kb / 6P
Single Line TVS Diode for ESD Protection in Portable Electronics
May 25,2016-REV.05
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com