Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4622 Datasheet(PDF) 1 Page - 3M Electronics

Part # 4622
Description  VHB™ Tapes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4622 Datasheet(HTML) 1 Page - 3M Electronics

  4622 Datasheet HTML 1Page - 3M Electronics 4622 Datasheet HTML 2Page - 3M Electronics 4622 Datasheet HTML 3Page - 3M Electronics 4622 Datasheet HTML 4Page - 3M Electronics 4622 Datasheet HTML 5Page - 3M Electronics 4622 Datasheet HTML 6Page - 3M Electronics 4622 Datasheet HTML 7Page - 3M Electronics 4622 Datasheet HTML 8Page - 3M Electronics 4622 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
3
VHB™ Tapes
Product Description:
3M™ VHB™ Tapes provide the convenience and simplicity of a tape fastener and are ideal for use in many interior and
exterior bonding applications. In many situations, they can replace rivets, spot welds, liquid adhesives and other permanent
fasteners.
These 3M™ VHB™ Tapes are made with acrylic foam which is viscoelastic in nature. This gives the foam energy absorbing
and stress relaxing properties which provides these tapes with their unique characteristics. The acrylic chemistry provides
outstanding durability performance.
These tapes utilize a variety of specific foam, adhesive, color and release liner types to provide each product/family with
specific features. These features can include adhesion to specific or a broad range of materials, conformability, high tensile
strength, high shear and peel adhesion, resistance to plasticizer migration, and UL746C recognition. All 3M™ VHB™ Tapes
have excellent durability and excellent solvent and moisture resistance.
Note: All 3M™ VHB™ Tapes should be thoroughly evaluated by the end user under actual use conditions with intended
substrates to determine whether a specific tape is fit for a particular purpose and suitable for user’s method of application,
especially if expected use involves extreme environmental conditions or high dead load stress.
Technical Data
June, 2011
3M™ VHB™ Tape Products
Tape Number
Color
Thickness in. (mm)
4611
Dk Gray
0.045 (1.1)
4618
White
0.025 (0.64)
4622
White
0.045 (1.1)
4624
White
0.062 (1.55)
4646
Dk Gray
0.025 (0.64)
4655
Dk Gray
0.062 (1.55)
4905
Clear
0.020 (0.5)
4910
Clear
0.040 (1.0)
4914
White
0.010 (0.25)
4919F
Black
0.025 (0.64)
4920
White
0.015 (0.4)
4926
Gray
0.015 (0.4)
4929
Black
0.025 (0.64)
Tape Number
Color
Thickness in. (mm)
4930 (F)
White
0.025 (0.64)
4932
White
0.025 (0.64)
4936 (F)
Gray
0.025 (0.64)
4941 (F)
Gray
0.045 (1.1)
4943F
Gray
0.045 (1.1)
4945
White
0.045 (1.1)
4946
White
0.045 (1.1)
4947F
Black
0.045 (1.1)
4949
Black
0.045 (1.1)
4950
White
0.045 (1.1)
4951
White
0.045 (1.1)
4952
White
0.045 (1.1)
Tape Number
Color
Thickness in. (mm)
4955
White
0.080 (2.0)
4956 (F)
Gray
0.062 (1.55)
4957F
Gray
0.062 (1.55)
4959 (F)
White
0.120 (3.0)
4979F
Black
0.062 (1.55)
4991
Gray
0.090 (2.3)
5915 (P)
Black
0.016 (0.4)
5925 (P)
Black
0.025 (0.64)
5930 (P)
Black
0.032 (0.8)
5952 (P)
Black
0.045 (1.1)
5958FR
Black
0.040 (1.0)
5962 (P)
Black
0.062 (1.55)
(F) or (P) after the product number designate that both a paper and film liner product version are available. [e.g. 4930 (paper liner) and 4930F (film liner),
5915 (film liner) and 5915P (paper liner). See page 3 for specific details.
3M™ VHB™ Tapes Adhesive Types:
Multi-Purpose Acrylic: This adhesive bonds to a wide range of materials including metals, glass, and high and medium surface
energy plastics and paints. This unique adhesive also has the ability to resist migration of plasticizers in vinyl substrates.
Modified Acrylic: This adhesive bonds to medium low surface energy paints and plastics, including many powder coated
paints in addition to the substrates listed with the multi-purpose acrylic adhesive (except plasticized vinyl).
General Purpose Acrylic: This adhesive bonds to most higher surface energy substrates including metal, glass and high
surface energy plastics.
Low Temperature Appliable Acrylic: This adhesive can make bonds down to 32°F (0°C), compared to 50°F (10°C) for most
acrylic adhesives. This adhesive system bonds to most high surface energy substrates including metal, glass and high surface
energy plastics.
Low Surface Energy: This high performance synthetic adhesive bonds to many lower surface energy substrates, including
many plastics and power coated paints, plus smooth general purpose substrates.
3M™ VHB™ Tapes Foam Types:
Conformable: This foam provides high strength with the capability of conforming to the irregularities of rigid substrates,
even when there might be slight mismatch.
Very Conformable: This foam provides the highest level of conformability while maintaining high internal strength.
Firm: This foam provides the highest level of foam strength in the 3M™ VHB™ Tapes family.
Clear: Not technically a foam, this solid acrylic material provides excellent clarity.
- 1 -


Similar Part No. - 4622

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
4622 VCC-4622 Datasheet
92Kb / 1P
Relampable Indicator Light
logo
3M Electronics
4622 3M-4622 Datasheet
735Kb / 9P
VHB Tape - Specialty Tapes
Jan-2020
logo
Shenzhen Tuofeng Semico...
4622 TUOFENG-4622 Datasheet
3Mb / 8P
N and P-Channel Enhancement Mode Power MOSFET
v1.0
logo
List of Unclassifed Man...
4622 ETC-4622 Datasheet
44Kb / 1P
High Q, high self-resonant frequency
logo
Heyco.
4622 HEYCO-4622 Datasheet
340Kb / 1P
Heyco®-Tite EMC Brass Liquid Tight Cordgrips
More results

Similar Description - 4622

ManufacturerPart #DatasheetDescription
logo
3M Electronics
F9460PC 3M-F9460PC Datasheet
28Kb / 4P
VHB™ Adhesive Transfer Tapes with Adhesive 100MP
Apr-2005
4950 3M-4950 Datasheet
735Kb / 9P
VHB Tape - Specialty Tapes
Jan-2020
9464 3M-9464 Datasheet
344Kb / 3P
Splicing Tapes
Dec-2007
8901 3M-8901 Datasheet
29Kb / 2P
Polyester Tapes
RP040GF 3M-RP040GF Datasheet
59Kb / 7P
3M™ VHB™ Tape RP040GF
May, 2022
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
RP080GF 3M-RP080GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP080GF
May, 2022
RP110GF 3M-RP110GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP110GF
May, 2022
RP160GF 3M-RP160GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP160GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP230GF
May, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com