Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4622 Datasheet (PDF) - Shenzhen Tuofeng Semiconductor Technology Co

4622 Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co
Part # 4622
Download  4622 Download
File Size   3637.34 Kbytes
Page   8 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description N and P-Channel Enhancement Mode Power MOSFET

4622 Datasheet (PDF)

Go To PDF Page Download Datasheet
4622 Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co

Part # 4622
Download  4622 Click to download

File Size   3637.34 Kbytes
Page   8 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description N and P-Channel Enhancement Mode Power MOSFET

4622 Datasheet (HTML) - Shenzhen Tuofeng Semiconductor Technology Co


4622 Product details

Description
The 4622 uses advanced trench technology to provide
excellent RDS(ON) and low gate charge . The complementary
MOSFETs may be used to form a level shifted high side
switch, and for a host of other applications.

General Features
● N-Channel
VDS = 20V,ID =6.4A
RDS(ON) < 23mΩ @ VGS
RDS(ON) < 30mΩ @ VGS=2.5V
● P-Channel
VDS = -20V,ID = -6.4A
RDS(ON) < 40mΩ @ VGS
RDS(ON) < 50mΩ @ VGS=-2.5V
● High power and current handing capability
● Lead free product is acquired
● Surface mount package




Similar Part No. - 4622

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4622 3M-4622 Datasheet
641Kb / 10P
VHB™ Tapes
Jun-2011
logo
Visual Communications C...
4622 VCC-4622 Datasheet
92Kb / 1P
Relampable Indicator Light
logo
3M Electronics
4622 3M-4622 Datasheet
735Kb / 9P
VHB Tape - Specialty Tapes
Jan-2020
logo
List of Unclassifed Man...
4622 ETC-4622 Datasheet
44Kb / 1P
High Q, high self-resonant frequency
logo
Heyco.
4622 HEYCO-4622 Datasheet
340Kb / 1P
Heyco®-Tite EMC Brass Liquid Tight Cordgrips
More results


Similar Description - 4622

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP4511GED A-POWER-AP4511GED Datasheet
120Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEM A-POWER-AP4506GEM Datasheet
123Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4501GM A-POWER-AP4501GM Datasheet
212Kb / 8P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEH-HF A-POWER-AP4506GEH-HF Datasheet
116Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
GT2531 ETL-GT2531 Datasheet
394Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com