Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP36B Datasheet(PDF) 5 Page - ON Semiconductor

Part # TIP36B
Description  Complementary Silicon High?뭁ower Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP36B Datasheet(HTML) 5 Page - ON Semiconductor

  TIP36B Datasheet HTML 1Page - ON Semiconductor TIP36B Datasheet HTML 2Page - ON Semiconductor TIP36B Datasheet HTML 3Page - ON Semiconductor TIP36B Datasheet HTML 4Page - ON Semiconductor TIP36B Datasheet HTML 5Page - ON Semiconductor TIP36B Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TIP35A, TIP35B, TIP35C (NPN); TIP36A, TIP36B, TIP36C (PNP)
http://onsemi.com
5
Figure 8. Inductive Load Switching
TEST CIRCUIT
VOLTAGE AND CURRENT WAVEFORMS
NOTES:
A. L1 and L2 are 10 mH, 0.11
W, Chicago Standard Transformer Corporation C−2688, or equivalent.
B. Input pulse width is increased until ICM = − 3.0 A.
C. For NPN, reverse all polarities.
INPUT
50
MJE180
RBB1
20
RBB2 = 100
VBB2 = 0
VBB1 = 10 V
VCE MONITOR
L1
(SEE NOTE A)
L2
(SEE NOTE A)
TUT
VCC = 10 V
IC MONITOR
+
−
RS = 0.1 W
50
+
−
5.0 V
0
−3.0 A
−10 V
tw = 6.0 ms
(SEE NOTE B)
INPUT
VOLTAGE
COLLECTOR
CURRENT
COLLECTOR
VOLTAGE
V(BR)CER
0
0
100 ms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com