Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP36B Datasheet(PDF) 1 Page - ON Semiconductor

Part # TIP36B
Description  Complementary Silicon High?뭁ower Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP36B Datasheet(HTML) 1 Page - ON Semiconductor

  TIP36B Datasheet HTML 1Page - ON Semiconductor TIP36B Datasheet HTML 2Page - ON Semiconductor TIP36B Datasheet HTML 3Page - ON Semiconductor TIP36B Datasheet HTML 4Page - ON Semiconductor TIP36B Datasheet HTML 5Page - ON Semiconductor TIP36B Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2005
September, 2005 − Rev. 5
1
Publication Order Number:
TIP35A/D
TIP35A, TIP35B, TIP35C
(NPN); TIP36A, TIP36B,
TIP36C (PNP)
TIP35B, TIP35C, TIP36B, and TIP36C are Preferred Devices
Complementary Silicon
High−Power Transistors
Designed for general−purpose power amplifier and switching
applications.
Features
• 25 A Collector Current
• Low Leakage Current −
ICEO = 1.0 mA @ 30 and 60 V
• Excellent DC Gain −
hFE = 40 Typ @ 15 A
• High Current Gain Bandwidth Product −
⎪hfe⎪ = 3.0 min @ IC
= 1.0 A, f = 1.0 MHz
• Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
TIP35A
TIP36A
TIP35B
TIP36B
TIP35C
TIP36C
Unit
Collector − Emitter Voltage
VCEO
60
80
100
Vdc
Collector − Base Voltage
VCB
60
80
100
Vdc
Emitter − Base Voltage
VEB
5.0
Vdc
Collector Current
− Continuous
− Peak (Note 1)
IC
25
40
Adc
Base Current − Continuous
IB
5.0
Adc
Total Power Dissipation
@ TC = 25_C
Derate above 25
_C
PD
125
W
W/
_C
Operating and Storage
Junction Temperature Range
TJ, Tstg
−65 to +150
_C
Unclamped Inductive Load
ESB
90
mJ
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction−to−Case
RqJC
1.0
°C/W
Junction−To−Free−Air
Thermal Resistance
RqJA
35.7
°C/W
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. Pulse Test: Pulse Width = 10 ms, Duty Cycle
v 10%.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Preferred devices are recommended choices for future use
and best overall value.
25 AMPERE
COMPLEMENTARY SILICON
POWER TRANSISTORS
60−100 VOLTS, 125 WATTS
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
SOT−93 (TO−218)
CASE 340D
STYLE 1
MARKING DIAGRAM
A
= Assembly Location
Y
= Year
WW
= Work Week
TIP3xx
= Device Code
xx
= 5A, 5B, 5C
6A, 6B, 6C
G
= Pb−Free Package
AYWWG
TIP3xx


Similar Part No. - TIP36B

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP36B MOSPEC-TIP36B Datasheet
154Kb / 3P
POWER TRANSISTORS(25A,40-100V,125W)
logo
Motorola, Inc
TIP36B MOTOROLA-TIP36B Datasheet
157Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP36B ONSEMI-TIP36B Datasheet
157Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
logo
Power Innovations Ltd
TIP36B POINN-TIP36B Datasheet
93Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
STMicroelectronics
TIP36B STMICROELECTRONICS-TIP36B Datasheet
47Kb / 4P
COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
Oct-1999
More results

Similar Description - TIP36B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TIP35C STMICROELECTRONICS-TIP35C Datasheet
47Kb / 4P
COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
Oct-1999
logo
ON Semiconductor
2N3055A ONSEMI-2N3055A_06 Datasheet
89Kb / 6P
Complementary Silicon High-Power Transistors
April, 2006 ??Rev. 6
2N3442 ONSEMI-2N3442 Datasheet
65Kb / 4P
High?뭁ower Industrial Transistors
February, 2006 ??Rev. 11
2N4921 ONSEMI-2N4921_06 Datasheet
90Kb / 6P
Medium?뭁ower Plastic NPN Silicon Transistors
January, 2006 ??Rev. 11
2N5302 ONSEMI-2N5302_06 Datasheet
92Kb / 5P
High?뭁ower NPN Silicon Transistor
March, 2006??Rev. 2
2N5883 ONSEMI-2N5883 Datasheet
94Kb / 6P
Complementary Silicon High?뭁ower Transistors
March, 2006 ??Rev. 11
2N6040 ONSEMI-2N6040_06 Datasheet
94Kb / 6P
Plastic Medium?뭁ower Complementary Silicon Transistors
May, 2006 ??Rev. 7
TIP100 ONSEMI-TIP100_05 Datasheet
87Kb / 7P
Plastic Medium?뭁ower Complementary Silicon Transistors
August, 2005 ??Rev. 11
logo
New Jersey Semi-Conduct...
2N3055A NJSEMI-2N3055A Datasheet
309Kb / 3P
COMPLEMENTARY SILICON HIGH - POWER TRANSISTORS
logo
Central Semiconductor C...
2N6515 CENTRAL-2N6515 Datasheet
304Kb / 3P
COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTORS
R2 18-January 2016
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com