Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXGD3006E6 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXGD3006E6
Description  40V 10A GATE DRIVER IN SOT26
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3006E6 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXGD3006E6 Datasheet HTML 1Page - Diodes Incorporated ZXGD3006E6 Datasheet HTML 2Page - Diodes Incorporated ZXGD3006E6 Datasheet HTML 3Page - Diodes Incorporated ZXGD3006E6 Datasheet HTML 4Page - Diodes Incorporated ZXGD3006E6 Datasheet HTML 5Page - Diodes Incorporated ZXGD3006E6 Datasheet HTML 6Page - Diodes Incorporated ZXGD3006E6 Datasheet HTML 7Page - Diodes Incorporated ZXGD3006E6 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZXGD3006E6
Document Number DS35229 Rev. 1 – 2
2 of 8
www.diodes.com
June 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXGD3006E6
Typical Application Circuit
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Supply voltage, with respect to VEE
VCC
40
V
Input voltage, with respect to VEE
VIN
40
V
Output difference voltage (Source – Sink)
ΔV(source-sink)
±7.5
V
Peak output current
IPK
±10
A
Input current
IIN
±100
mA
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation (Notes 4 & 5)
Linear derating factor
PD
1.1
8.8
W
mW/
°C
Thermal Resistance, Junction to Ambient (Notes 4 & 5)
RθJA
113
°C/W
Thermal Resistance, Junction to Lead (Note 6)
RθJL
105
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
4. For a device surface mounted on 25mm x 25mm x 0.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions; the device is
measured when operating in a steady-state condition. The heatsink is split in half with the pin 1 (VCC) and pin 3 (VEE) connected separately to each half.
5. For device with two active die running at equal power.
6. Thermal resistance from junction to solder-point at the end of each lead on pin 1 (VCC) and pin 3 (VEE).
IN
VCC
+ supply
ZXGD3006
VS
VCC
SOURCE
SINK
RSOURCE
RSINK
VEE
IGBT
(or SiC MOSFET)
VEE
- supply



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com