Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXGD3006E6 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXGD3006E6
Description  40V 10A GATE DRIVER IN SOT26
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3006E6 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXGD3006E6 Datasheet HTML 1Page - Diodes Incorporated ZXGD3006E6 Datasheet HTML 2Page - Diodes Incorporated ZXGD3006E6 Datasheet HTML 3Page - Diodes Incorporated ZXGD3006E6 Datasheet HTML 4Page - Diodes Incorporated ZXGD3006E6 Datasheet HTML 5Page - Diodes Incorporated ZXGD3006E6 Datasheet HTML 6Page - Diodes Incorporated ZXGD3006E6 Datasheet HTML 7Page - Diodes Incorporated ZXGD3006E6 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ZXGD3006E6
Document Number DS35229 Rev. 1 – 2
3 of 8
www.diodes.com
June 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXGD3006E6
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Output voltage, high
VOUT(hi)
VCC - 1.0
VCC - 0.8
-
V
VIN = VCC
CL = 1nF
RSOURCE = 0Ω, RSINK = 0Ω
Output voltage, low
VOUT(low)
-
VEE + 0.12 VEE + 0.3
VIN = VEE
Supply breakdown voltage
BVCC
40
-
-
V
IQ = 100μA, VIN = VCC
40
-
-
IQ = 100μA, VIN = VEE = 0V
Quiescent supply current
IQ
-
-
50
nA
VCC = 30V, VIN = VCC
-
-
50
VCC= 30V, VIN = VEE = 0V
Source current
I(source)
-
4.0
-
A
VCC= 5V, IIN= 1mA, VOUT= 0V
Sink current
I(sink)
-
3.8
-
VCC= 5V, IIN=-1mA, VOUT= 5V
Source current
with varying input resistances
I(source)
-
6.4
5.5
3.9
2.2
0.44
-
A
RIN = 200Ω
RIN = 1kΩ
RIN = 10kΩ
RIN = 100kΩ
RIN = 1000kΩ
VCC = 15V, VEE = 0V
VIN = 15V
CL = 100nF, RL = 0.18Ω
RSOURCE = 0Ω, RSINK = 0Ω
Sink current
with varying input resistances
I(sink)
-
7.7
6.5
4.4
2.3
0.46
-
A
RIN = 200Ω
RIN = 1kΩ
RIN = 10kΩ
RIN = 100kΩ
RIN = 1000kΩ
VCC = 15V, VEE = 0V
VIN = 15V
CL = 100nF, RL = 0.18Ω
RSOURCE = 0Ω, RSINK = 0Ω
Switching times
with low load capacitance CL = 10nF
td(rise)
tr
td(fall)
tf
-
8
48
16
35
-
ns
VCC = 15V, VEE = 0V
VIN = 0 to 15V
RIN = 1kΩ
CL = 10nF, RL = 0.18Ω
RSOURCE = 0 Ω, RSINK = 0 Ω
Switching times
with high load capacitance CL = 100nF
td(rise)
tr
td(fall)
tf
-
46
419
47
467
-
ns
VCC = 15V, VEE = 0V
VIN = 0 to15V
RIN = 1kΩ
CL = 100nF, RL = 0.18Ω
RSOURCE = 0Ω, RSINK = 0Ω
Switching times
with asymmetric source and sink resistors
td(rise)
tr
td(fall)
tf
-
27
208
11
53
-
ns
VCC = 20V, VEE = -18V
VIN = -18 to 20V
RIN= 1kΩ
CL = 10nF, RL = 0.18Ω
RSOURCE = 4.7Ω, RSINK = 0Ω
Switching Test Circuit and Timing Diagram
10%
90%
90%
tr
td(rise)
td(fall)
tf
VIN
VOUT
VCC
VEE
VCC
IN
ZXGD3006
SOURCE
SINK
RSOURCE
RSINK
RIN
50
50
RL
CL
VIN
VOUT
10%
90%
10%
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com