Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXCT1107 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXCT1107
Description  LOW POWER HIGH-SIDE CURRENT MONITORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1107 Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXCT1107 Datasheet HTML 1Page - Diodes Incorporated ZXCT1107 Datasheet HTML 2Page - Diodes Incorporated ZXCT1107 Datasheet HTML 3Page - Diodes Incorporated ZXCT1107 Datasheet HTML 4Page - Diodes Incorporated ZXCT1107 Datasheet HTML 5Page - Diodes Incorporated ZXCT1107 Datasheet HTML 6Page - Diodes Incorporated ZXCT1107 Datasheet HTML 7Page - Diodes Incorporated ZXCT1107 Datasheet HTML 8Page - Diodes Incorporated ZXCT1107 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ZXCT1107/1109/1110
LOW POWER HIGH-SIDE CURRENT MONITORS
ZXCT1107/1109/1110
Document number: DS35033 Rev. 3 - 2
5 of 16
www.diodes.com
JULY 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Typical Characteristics
0
2
4
6
8
10
12
010
20
30
40
T = 0°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -40°C
A
V
= 0V
V
= 0V
OUT
SENSE
V
(V)
Input Current vs. V
S+
S+
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
-40 -25 -10
5
20
35 50
65 80 95 110 125
TEMPERATURE (°C)
Input Current vs. Ambient Temperature
V
= 3.7V
S+
V
= 20V
S+
V
= 0V
V
= 0V
SENSE
OUT
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
010
20
30
40
V
(V)
I
Current vs. V
S+
S+
S+
T = 25°C
V
= 0V
V
= 0V
A
OUT
SENSE
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
T = 25°C
V
= 0V
V
= 0V
A
OUT
SENSE
010
20
30
40
V
(V)
I
Current vs. V
S+
S-
S+
0
500
1000
1500
2000
2500
0
100
200
300
400
500
600
V
= 20V
V
= 0V
S+
OUT
T = -40°C
A
T = 0°C
A
T =25°C
A
T = 85°C
A
T = 125°C
A
V
(mV)
Output Current vs. V
SENSE
SENSE
0
50
100
150
200
250
300
350
400
450
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
OUTPUT VOLTAGE (V)
Output Current vs. Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com