Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXCT1107 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXCT1107
Description  LOW POWER HIGH-SIDE CURRENT MONITORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1107 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button ZXCT1107 Datasheet HTML 2Page - Diodes Incorporated ZXCT1107 Datasheet HTML 3Page - Diodes Incorporated ZXCT1107 Datasheet HTML 4Page - Diodes Incorporated ZXCT1107 Datasheet HTML 5Page - Diodes Incorporated ZXCT1107 Datasheet HTML 6Page - Diodes Incorporated ZXCT1107 Datasheet HTML 7Page - Diodes Incorporated ZXCT1107 Datasheet HTML 8Page - Diodes Incorporated ZXCT1107 Datasheet HTML 9Page - Diodes Incorporated ZXCT1107 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ZXCT1107/1109/1110
LOW POWER HIGH-SIDE CURRENT MONITORS
ZXCT1107/1109/1110
Document number: DS35033 Rev. 3 - 2
6 of 16
www.diodes.com
JULY 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Typical Characteristics (cont.)
0
100
200
300
400
500
600
700
-40 -25 -10 5 20 35 50 65
80 95 110 125
TEMPERATURE(°C)
Output Current vs. Ambient Temperature
0
500
1000
1500
2000
2500
-40 -25 -10
5
20 35
50
65 80
95 110 125
TEMPERATURE(°C)
Output Current vs. Ambient Temperature
0
100
200
300
400
500
600
700
0
10203040
V
(V)
Output Current vs. V
S+
S+
0
500
1000
1500
2000
2500
010
20
30
40
T = 25°C
V
= 0V
A
OUT
V
= 500mV
SENSE
V
= 150mV
SENSE
V
= 50mV
SENSE
V
= 100mV
SENSE
V
= 30mV
SENSE
V
= 5mV
SENSE
V
= 10mV
SENSE
V
(V)
Output Current vs. V
S+
S+
3.85
3.90
3.95
4.00
4.05
4.10
4.15
4.20
0
100
200
300
400
500
600
V
= 20V
V
= 0V
S+
OUT
T = 125°C
A
T 85°C
A
T = 25°C
A
T = 0°C
A
T = -40°C
A
V
(mV)
Differential Gain vs. V
SENSE
SENSE
-0.25%
-0.20%
-0.15%
-0.10%
-0.05%
0.00%
0.05%
0.10%
0.15%
0.20%
0.25%
0
10
20
30
40
T = 25°C
V
= 0V
A
OUT
V
= 100mV
SENSE
V
= 150mV
SENSE
V
= 500mV
SENSE
V
= 30mV
SENSE
V
= 50mV
SENSE
V
(V)
Output Current Error vs. V
S+
S+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com