Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5245 Datasheet(PDF) 22 Page - ams AG

Part # AS5245
Description  Programmable 360쨘 Magnetic Angle Encoder with Absolute SSI and PWM Output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5245 Datasheet(HTML) 22 Page - ams AG

Back Button AS5245 Datasheet HTML 18Page - ams AG AS5245 Datasheet HTML 19Page - ams AG AS5245 Datasheet HTML 20Page - ams AG AS5245 Datasheet HTML 21Page - ams AG AS5245 Datasheet HTML 22Page - ams AG AS5245 Datasheet HTML 23Page - ams AG AS5245 Datasheet HTML 24Page - ams AG AS5245 Datasheet HTML 25Page - ams AG AS5245 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
www.austriamicrosystems.com/AS5245
Revision 1.5
22 - 31
AS5245
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
9.4 Choosing the Proper Magnet
Typically, the magnet should be 6mm in diameter and
≥ 2.5mm in height. Magnetic materials such as rare earth AlNiCo/SmCo5 or NdFeB are
recommended. The magnetic field strength perpendicular to the die surface has to be in the range of ±45mT…±75mT (peak).
The magnet’s field strength should be verified using a gauss-meter. The magnetic field Bv at a given distance, along a concentric circle with a
radius of 1.1mm (R1), should be in the range of ±45mT…±75mT (see Figure 16).
Figure 16. Typical Magnet (6x3mm) and Magnetic Field Distribution
Magnet axis
Vertical field
component
(45…75mT)
0
360
360
Bv
Vertical field
component
R1 concentric circle;
radius 1.1mm
R1
Magnet axis
typ. 6mm diameter
S
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com