Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5245 Datasheet(PDF) 25 Page - ams AG

Part # AS5245
Description  Programmable 360쨘 Magnetic Angle Encoder with Absolute SSI and PWM Output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5245 Datasheet(HTML) 25 Page - ams AG

Back Button AS5245 Datasheet HTML 21Page - ams AG AS5245 Datasheet HTML 22Page - ams AG AS5245 Datasheet HTML 23Page - ams AG AS5245 Datasheet HTML 24Page - ams AG AS5245 Datasheet HTML 25Page - ams AG AS5245 Datasheet HTML 26Page - ams AG AS5245 Datasheet HTML 27Page - ams AG AS5245 Datasheet HTML 28Page - ams AG AS5245 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
www.austriamicrosystems.com/AS5245
Revision 1.5
25 - 31
AS5245
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Figure 18.
Example of Linearity Error Over 360º
9.6.2 Transition Noise
Transition noise is defined as the jitter in the transition between two steps. Due to the nature of the measurement principle (Hall sensors +
Preamplifier + ADC), there is always a certain degree of noise involved. This transition noise voltage results in an angular transition noise at the
outputs. It is specified as 0.06 degrees rms (1 sigma)
1 in fast mode (pin MODE = high) and 0.03 degrees rms (1 sigma) in slow mode (pin MODE
= low or open). This is the repeatability of an indicated angle at a given mechanical position. The transition noise has different implications on the
type of output that is used:
Absolute Output; SSI Interface: The transition noise of the absolute output can be reduced by the user by implementing averaging of
readings. An averaging of 4 readings will reduce the transition noise by 6dB or 50%, e.g. from 0.03º rms to 0.015º rms (1 sigma) in slow
mode.
PWM Interface: If the PWM interface is used as an analog output by adding a low pass filter, the transition noise can be reduced by lower-
ing the cutoff frequency of the filter. If the PWM interface is used as a digital interface with a counter at the receiving side, the transition
noise may again be reduced by averaging of readings.
Incremental Mode: In incremental mode, the transition noise influences the period, width and phase shift of the output signals A, B and
Index. However, the algorithm used to generate the incremental outputs guarantees no missing or additional pulses even at high speeds (up
to 30.000 rpm and higher).
9.6.3 High Speed Operation
Sampling Rate. The AS5245 samples the angular value at a rate of 2.61k (slow mode) or 10.42k (fast mode, selectable by pin MODE)
samples per second. Consequently, the absolute outputs are updated each 384µs (96µs in fast mode). At a stationary position of the magnet,
the sampling rate creates no additional error.
Absolute Mode. At a sampling rate of 2.6kHz/10.4kHz, the number of samples (n) per turn for a magnet rotating at high speed can be
calculated by,
nslowmode =
(EQ 3)
nfastmode =
(EQ 4)
The upper speed limit in slow mode is ~6.000rpm and ~30.000rpm in fast mode. The only restriction at high speed is that there will be fewer
samples per revolution as the speed increases (see Table 6). Regardless of the rotational speed, the absolute angular value is always sampled
at the highest resolution of 12 bit.
1. Statistically, 1 sigma represents 68.27% of readings; 3 sigma represents 99.73% of readings.
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
1
55
109
163
217
271
325
379
433
487
541
595
649
703
757
811
865
919
973
transition noise
Err max
Err min
60
rpm
384
()μs
⋅
-----------------------------------
60
rmp 96
μs
⋅
---------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com