Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8309 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC8309
Description  PowerQUICC II Pro Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8309 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC8309 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8309 Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Integrated Communications Processors
MPC8309 PowerQUICC II Pro Processor
Overview
The MPC8309 processor is part of the entry
level MPC830x communications portfolio based
on the e300 core architecture. It addresses
the requirements of networking applications,
including I/O cards for low-end base stations,
low-end Ethernet switches, residential
gateways, modem/routers, industrial control,
factory automation and test and measurement
applications. The MPC830x portfolio extends
current PowerQUICC processor offerings,
delivering an impressive 1.99 DMIPS/MHz
in CPU performance, additional functionality
and faster interfaces while maintaining
code compatibility with PowerQUICC I
and PowerQUICC II processors. MPC830x
processors also provide sub-$10, low power
consumption, a compact board footprint and a
time to market advantage through cost-effective
evaluation kits with optimized BSP and drivers.
Core Complex
The MPC8309 incorporates the e300c3
(MPC603e-based) core, built on Power
Architecture® technology, which includes 16 KB
of L1 instruction and data caches, dual integer
units and on-chip memory management units
(MMUs).
QUICC Engine Technology
A communications complex based on
QUICC Engine technology forms the heart
of the networking capability of the MPC830x
portfolio. The QUICC Engine block contains
several peripheral controllers and a 32-bit
RISC controller. Protocol support is provided
by the main workhorses of the device—the
unified communication controllers (UCCs).
Each of the five UCCs can support a variety
of communication protocols, including 10/100
Mbps Ethernet and high-level data link control
(HDLC). Two of the UCCs can also support
IEEE® 1588 version-2 time stamping.
System Interface Unit
The MPC8309 processor also includes a 16/32-
bit double data rate (DDR2) memory controller
with ECC support, 4 x CAN, 4 x UARTs,
High-Speed USB 2.0 controller, enhanced
SDHC controller, a 32-bit peripheral
component interconnect (PCI) controller,
a 16-bit local bus and two direct memory
access controllers (DMAC).
In summary, the MPC8309 provides users
with a highly integrated, fully programmable
communications processor helping to ensure
that a cost-effective system solution can be
quickly developed while offering the flexibility
to accommodate new standards and evolving
system requirements.
MPC8309 Features
• Excellentperformance,low-power,sub-$10
communications processor
• Thee300core,builtonPowerArchitecture
technology, with dual integer units enables
more efficient operations to be conducted
in parallel, resulting in a significant
performance improvement
• Thesingle-RISCQUICCEngine
communications module offers a future-
proof solution for next-generation designs
by supporting programmable protocol
termination and network interface
termination to meet evolving
protocol standards
• DDR2memorycontroller—one16/32-bit
interface at up to 333 MHz with
ECC support
• Peripheralinterfacessuchas32-bit,66
MHz PCI, 16-bit, 66 MHz local bus interface
and High-Speed USB 2.0, 4 x CAN, 4 x
UARTs, enhanced SDHC controller
MPC8309 Block Diagram
16/32-bit DDR2
Controller
e300 Core
Complex
Local Bus
16 KB
D-Cache
16 KB
I-Cache
2 x DUART
I2C, SPI
GPIO, Interrupt
Controller
DMA
PCI
eSDHC
8-bit
4 x
CAN
8-bit
USB
2.0
Or
16-bit GPIO
QUICC Engine
Coherent System Bus
Up to
3 x RMII/MII
or
2 x with
IEEE® 1588
2 x HDLC
/TDM
Accelerators
I/O
Core


Similar Part No. - MPC8309

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8309 FREESCALE-MPC8309 Datasheet
374Kb / 2P
PowerQUICC II Pro Processors
logo
NXP Semiconductors
MPC8309 NXP-MPC8309 Datasheet
898Kb / 81P
PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
Rev 4, 12/2014
MPC8309CVMADDC NXP-MPC8309CVMADDC Datasheet
898Kb / 81P
PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
Rev 4, 12/2014
MPC8309CVMADDCA NXP-MPC8309CVMADDCA Datasheet
898Kb / 81P
PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
Rev 4, 12/2014
MPC8309CVMADFC NXP-MPC8309CVMADFC Datasheet
898Kb / 81P
PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
Rev 4, 12/2014
More results

Similar Description - MPC8309

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8313EEC FREESCALE-MPC8313EEC Datasheet
1Mb / 100P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8377E FREESCALE-MPC8377E Datasheet
1Mb / 124P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8379E FREESCALE-MPC8379E Datasheet
1Mb / 114P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8308-RDB FREESCALE-MPC8308-RDB Datasheet
349Kb / 2P
MPC8308 PowerQUICC II Pro processor up
MPC8315E FREESCALE-MPC8315E Datasheet
1Mb / 112P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8377E FREESCALE-MPC8377E_12 Datasheet
2Mb / 127P
PowerQUICC II Pro Processor
MPC8378E FREESCALE-MPC8378E_12 Datasheet
2Mb / 128P
PowerQUICC II Pro Processor
MPC8379E FREESCALE-MPC8379E_12 Datasheet
2Mb / 117P
PowerQUICC II Pro Processor
MPC8314EEC FREESCALE-MPC8314EEC Datasheet
651Kb / 101P
PowerQUICC II Pro Processor Hardware Specifications
logo
NXP Semiconductors
MPC8315EEC NXP-MPC8315EEC Datasheet
1Mb / 106P
PowerQUICC II Pro Processor Hardware Specifications
Rev. 2, 11/2011
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com