Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8309 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC8309
Description  PowerQUICC II Pro Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8309 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC8309 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8309 Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• Highdegreeofsoftwarecompatibility
with previous generation PowerQUICC
processor-based designs for backward
compatibility and easier software migration
QUICC Engine Technology
• Single32-bitRISCcontrollerforflexible
support of communications peripherals
• SerialDMAchannelforreceiveandtransmit
on all serial channels
• FiveUCCssupportingthefollowing
interfaces (not all simultaneously)
- 10/100 Mbps Ethernet/IEEE Std. 802.3
through MII and RMII interfaces
- IEEE 1588 version-2 support
- HDLC/transparent (bit rate up to QUICC
Engine operating frequency divided by
eight)
- HDLC bus (bit rate up to 10 Mbps)
- PROFIBUSprotocolsupport
- Asynchronous HDLC (bit rate up to
2 Mbps)
- Two TDM interfaces supporting up to 128
channels, each running at 64 Kbps
The UCCs are similar to the PowerQUICC II
peripherals in that the serial communications
controller (SCC) supports the UART and
HDLC bus and fast serial communications
controller(FCC)supportsfastEthernetand
HDLC.
Enablement
The MPC8309-KIT is a cost-optimized
reference development kit for the MPC8309
processor. The kit consists of a carrier
card and processor-specific system on
module (SOM) card. The SOM interfaces
with peripherals through the carrier card.
This same carrier card can be used for the
MPC8306 processor SOM card.
The MPC830x-KIT board support package
(BSP) can be customized per project and
combined with off-the-shelf software for
product development. The BSP components
provide the tools, device drivers and
additional features needed for embedded
Linux® OS projects.
MPC8309-KIT Contents
• MPC8309SOMboard
• MPC830xcarriercard
• BSP
• UARTcable
• Ethernetcable
• Poweradaptor(12V–5A)andcable
Learn More:
For current information about Freescale
products and documentation, please visit
freescale.com/PowerQUICC.
Freescale,theFreescalelogoandPowerQUICCaretrademarksofFreescaleSemiconductor,Inc.Reg.U.S.Pat.&
Tm.Off.QUICCEngineisatrademarkofFreescaleSemiconductor,Inc.Allotherproductorservicenamesarethe
property of their respective owners. The Power Architecture and Power.org word marks and the Power and Power.
org logos and related marks are trademarks and service marks licensed by Power.org.
©2010–2011FreescaleSemiconductor,Inc.
DocumentNumber:MPC8309FS
REV2
MPC830x PowerQUICC II Pro Processor Portfolio
MPC8308
MPC8309
MPC8306
MPC8306S
Core
e300
e300
e300
e300
I-Cache/D-Cache
16K/16K
16K/16K
16K/16K
16K/16K
Floating Point Unit
Yes
Yes
Yes
Yes
Core Frequency
266/333/400
266/333/400/417
133/200/266
133/200/266
QUICC Engine
Subsystem
No
32-bit RISC
32-bit RISC
32-bit RISC
Memory Controller
16/32-bit DDR2 with ECC 16/32-bit DDR2 with ECC 16-bit DDR2
16-bit DDR2
Local Bus
8/16-bit up to 66 MHz
8/16-bit up to 66 MHz
8/16-bit up to 66 MHz
8/16-bit up to 66 MHz
PCI Interface
No (1 x PCI Express)
32-bit up to 66 MHz
No
No
Ethernet
2 x 10/100/1000
MII/RGMII
3 x 10/100 MII/RMII or 2 x
10/100withIEEE1588V2
3 x 10/100 MII / RMII or 2 x
10/100withIEEE1588V2
3 x 10/100
MII/RMII
USB 2.0
Yes
Yes
Yes
Yes
UART
Yes (2 x)
Yes (4 x)
Yes (4 x)
Yes (4 x)
I2C Controller
Dual
Dual
Dual
Dual
SPI
Yes
Yes
Yes
Yes
Interrupt Controller
IPIC
IPIC
IPIC
IPIC
IEEE® 1588 Support
Yes
Yes
Yes
No
eSDHC
Yes
Yes
Yes
No
FlexCAN
No
Yes
Yes
No
Package
473-pin MAPBGA
489-pin MAPBGA
369-pin MAPBGA
369-pin MAPBGA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com