Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2990CMSTRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2990CMSTRPBF
Description  I2C Temperature, Voltage and Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2990CMSTRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2990CMSTRPBF Datasheet HTML 5Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 6Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 7Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 8Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 9Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 10Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 11Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 12Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC2990

2990f
applicaTions inForMaTion
Figure 2. Recommended PCB Layout
V1
V2
V3
V4
VCC
ADR1
ADR0
SCL
SDA
LTC2990
2990 F02
GND SHIELD
TRACE
NPN SENSOR
470pF
0.1µF
GND
The change in sensor voltage per degree temperature
change is 275µV/°C, so environmental noise must be kept
to a minimum. Recommended shielding and PCB trace
considerations are illustrated in Figure 2.
The diode equation:
V
k T
q
I
I
BE
C
S
=


η •
•
• ln
(1)
can be solved for T, where T is Kelvin degrees, IS is a
process dependent factor on the order of 1E-13,
η is the
diode ideality factor, k is Boltzmann’s constant and q is
the electron charge.
T
V
q
k In
I
I
BE
C
S
=


•
• •
η
(2)
The LTC2990 makes differential measurements of diode
voltage to calculate temperature. Proprietary techniques
allow for cancellation of error due to series resistance.
sensor can be considered a temperature scaling factor.
The temperature error for a 1% accurate ideality factor
error is 1% of the Kelvin temperature. Thus, at 25°C, or
298°K, a +1% accurate ideality factor error yields a +2.98
degree error. At 85°C or 358°K, a +1% error yields a 3.6
degree error. It is possible to scale the measured Kelvin
or Celsius temperature measured using the LTC2990 with
a sensor ideality factor other than 1.004, to the correct
value. The scaling Equations (3) and (4) are simple, and
can be implemented with sufficient precision using 16-bit
fixed-point math in a microprocessor or microcontroller.
Factory Ideality Calibration Value:
ηCAL = 1.004
Actual Sensor Ideality Value:
ηACT
Compensated Kelvin Temperature:
T
T
K COMP
ACT
CAL
K MEAS
_
_
•
=
η
η
(3)
Compensated Celsius Temperature
T
T
C COMP
ACT
CAL
C MEAS
_
_
•
–
=
+
(
)
η
η
273
273
(4)
A 16-bit unsigned number is capable of representing the
ratio
ηACT/ηCAL in a range of 0.00003 to 1.99997, by
multiplying the fractional ratio by 215. The range of scal-
ing encompasses every conceivable target sensor value.
The ideality factor scaling granularity yields a worst-case
temperatureerrorof0.01°at125°C.Multiplyingthis16-bit
unsigned number and the measured Kelvin (unsigned)
temperature represented as a 16-bit number, yields a
32-bit unsigned result. To scale this number back to a
13-bittemperature(9-bitintegerpart,anda4-bitfractional
part), divide the number by 215 per Equation (5). Similarly,
Celsius coded temperature values can be scaled using
16-bit fixed-point arithmetic, using Equation (6). In both
cases, the scaled result will have a 9-bit integer (d[12:4])
and the 4LSBs (d[3:0]) representing the 4-bit fractional
part. To convert the corrected result to decimal, divide
the final result by 24 or 16, as you would the register
contents. If ideality factor scaling is implemented in the
Ideality Factor Scaling
The LTC2990 is factory calibrated for an ideality factor of
1.004, which is typical of the popular MMBT3904 NPN
transistor. The semiconductor purity and wafer-level pro-
cessing limits device-to-device variation, making these
devices interchangeable (typically <0.5C) for no additional
cost. Several manufacturers supply suitable transistors,
some recommended sources are listed in Table 10. While
an ideality factor value of 1.004 is typical of target sen-
sors, small deviations can yield significant temperature
errors. Contact LTC Marketing for parts trimmed to ideality
factors other than 1.004. The ideality factor of the diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com