Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2990CMSTRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2990CMSTRPBF
Description  I2C Temperature, Voltage and Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2990CMSTRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2990CMSTRPBF Datasheet HTML 6Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 7Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 8Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 9Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 10Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 11Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 12Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 13Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC2990
0
2990f
applicaTions inForMaTion
target application, it is beneficial to configure the LTC2990
for Kelvin coded results to limit the number of math opera-
tions required in the target processor.
T
Unsigned
T
K COMP
ACT
CAL
K MEAS
_
_
=
(
)


η
η
2
2
15
15
(5)
T
Unsigned
T
C COMP
ACT
CAL
C MEAS
_
_
.
=
(
)


+
η
η
2
273
15
115 2
2
273 15 2
4
15
4
•
–
. •
(
)
(6)
Sampling Currents
Single-ended voltage measurements are directly sampled
by the internal ADC. The average ADC input current is a
function of the input applied voltage as follows:
IIN(AVG) = (VIN – 1.49) • 0.17µA
Inputs with source resistance less than 200Ω will yield
full-scale gain errors due to source impedance of <1/2LSB
for 14-bit conversions. The nominal conversion time is
1.5ms for single-ended conversions.
Current Measurements
The LTC2990 has the ability to perform 14-bit current
measurements with the addition of a current sense resis-
tor (see Figure 3).
In order to achieve accurate current sensing a few de-
tails must be considered. Differential voltage or current
measurementsaredirectlysampledbytheinternalADC.The
average ADC input current for each leg of the differential
input signal during a conversion is (VIN – 1.49) • 0.34µA.
The maximum source impedance to yield 14-bit results
with, 1/2LSB full-scale error is ~50Ω. In order to achieve
highaccuracy,4-point,orKelvinconnectedmeasurements
of the sense resistor differential voltage are necessary.
In the case of current measurements, the external sense
resistor is typically small, and determined by the full-scale
input voltage of the LTC2990. The full-scale differential
voltage is 0.300V. The external sense resistance is then a
functionofthemaximummeasurablecurrent,orREXT_MAX
= 0.300/IMAX. For example, if you wanted to measure a
current range of ±5A, the external shunt resistance would
equal 0.300/5 = 60mΩ.
Thereexistsawaytoimprovethesenseresistor’sprecision
usingtheLTC2990.TheLTC2990measuresbothdifferential
voltage and remote temperature. It is therefore, possible
to compensate for the absolute resistance tolerance of the
sense resistor and the temperature coefficient of the sense
resistor in software. The resistance would be measured
by running a calibrated test current through the discrete
resistor. The LTC2990 would measure both the differential
voltage across this resistor and the resistor temperature.
From this measurement, RO and TO in the equation be-
low would be known. Using the two equations, the host
microprocessor could compensate for both the absolute
tolerance and the TCR.
RT = RO • [1 + α(T – TO)]
where:
α = +3930 ppm/°C for copper trace
α = ±2 to ~+200ppm/°C for discrete R
(7)
I = (V1 – V2)/RT
(8)
Figure 3. Simplified Current Sense Schematic
V1
V2
LTC2990
0V – VCC
RSENSE
ILOAD
2990 F03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com